Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
22
______________________________________________________________________________________
Every defined register on the MAXQ3183 has a 12-bit
address (from 0 to 4095). This address is used when
addressing the register for either a read or write opera-
tion. Addresses 0 to 1023 (000h to 3FFh) are used to
address RAM registers. Registers with addresses from
1024 to 4095 (400h to FFFh) are used for virtual regis-
ters and special command registers.
Each command consists of a read/write command
code, a data length (1, 2, 4, or 8 bytes), a 12-bit regis-
ter address, and the specified number of data bytes fol-
lowed optionally by a cyclic redundancy check (CRC).
Since SPI is a full-duplex interface, the master and
slave must both transmit the same number of bytes dur-
ing the command. When a multiple-byte register is read
or written (2/4/8 byte length), the least significant byte is
read or written first in the command.
Every transaction begins with the master sending 2
bytes that contain the command (read or write), the
address to access, and the number of bytes to transfer.
Every SPI peripheral must return 1 byte for every byte it
receives. If the master is reading 1 or more bytes from
the MAXQ3183, it must send dummy bytes during the
cycles when it is receiving a multibyte response to a
request, meeting the “send a byte to get a byte” require-
ment. But the MAXQ3183 could require time to calculate
the result, and thus might not have it ready when the
master sends the dummy byte. For this reason, the
MAXQ3183 always sends zero or more bytes of a NAK
character (0x4E or ASCII ‘N’) followed by an ACK char-
acter (0x41, or ASCII ‘A’) before sending the data.
If the master is writing 1 or more bytes, it sends the
data to be written immediately after sending the com-
mand. The MAXQ3183 returns ACK (0x41) for each
data byte. It then returns NAK (0x4E) until the write
cycle is complete, after which it returns a final ACK.
Immediately after the final ACK, the MAXQ3183 is
ready to begin the next transaction; there is no need to
wait for any other event. It is not even necessary to tog-
gle SSEL to begin the next transaction. The MAXQ3183
knows that the first transaction is over and is ready for
the next.
If, for whatever reason, it is necessary to reset the com-
munications between the host and the MAXQ3183 (for
Table 1. Command Format for SPI Register Read
BYTE
TRANSFERS
BIT
DESCRIPTION
7:6
Command Code:
00 Read
01 Reserved
10 Write
11 Reserved
5:4
Data Length:
00 1 Byte
01 2 Bytes
10 4 Bytes
11 8 Bytes
1st byte
Master sends command;
Slave sends 0xC1 byte
3:0
MSB portion of data address.
2nd byte
Master sends address;
Slave sends 0xC2 byte
7:0
LSB portion of data address.
Sync bytes
Master sends dummy;
Slave sends ACK (0x41) or
NACK (0x4E) byte
7:0
Master sends dummy byte; Slave responds with NACK if busy,
or with ACK when processing complete.
Master must receive ACK, then receive data.
3rd byte
(1st data byte)
Master sends dummy;
Slave sends data
7:0
Data, LSB
...
...
...
...
Nth byte
(Last data byte)
Master sends dummy;
Slave sends data
7:0
Data, MSB
(N + 1) byte
Master sends dummy;
Slave sends CRC
7:0
Optional CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com