Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
34
______________________________________________________________________________________
Meter Pulse Configuration
Pulse Configuration—CFP Output (PLSCFG1) (0x01E)
This register selects which phases are included in the CFP pulse output and also selects which quantity is accumu-
lated to drive the pulse output.
Bit:
7
6
5
4
3
2
1
0
Name:
QNSEL
PHASEC
PHASEB
PHASEA
Reset:
0x0
0
0
0
BIT
NAME
FUNCTION
7:3
QNSEL
CFP Pulse Output Source Select. This five-bit field determines what meter value will be accumulated in
each of the phases to produce the CFP pulse output. All other values are reserved.
00000 = Net real energy
00001 = Absolute real energy
00010 = Net reactive energy
00011 = Absolute reactive energy
00100 = Apparent energy
00110 = IRMS
00111 = VRMS
01000 = Real energy delivered to load
01001 = Real energy delivered to line
01010 = Reactive energy, quadrant I
01011 = Reactive energy, quadrant II
01100 = Reactive energy, quadrant III
01101 = Reactive energy, quadrant IV
2
PHASEC
CFP Phase C Inclusion. When this bit is set, phase C is included in CFP pulse generation.
1
PHASEB
CFP Phase B Inclusion. When this bit is set, phase B is included in CFP pulse generation.
0
PHASEA
CFP Phase A Inclusion. When this bit is set, phase A is included in CFP pulse generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com