Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 89 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 89 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 87Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 88Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 89Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 90Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 91Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 92Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 93Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
89
Linearity Offset, Low Range, Phase X = A/B/C (X.OFFS_LO) (A: 0x13C, B: 0x228, C: 0x314)
This signed register contains the linearity offset for phase X current channel when the programmable gain amplifier
is set to gain of 32 (that is, the measured current is below the low current threshold). The signed value represented
by this register is added to the current value. The total linearity compensation is applied as follows:
X.GAIN_LO/214 x (X.IRMS + X.OFFS_LO)
Measurements—RAM Registers
On-Demand RMS Result (N.IRMS) (0x11C)
This register contains the result of the RMS calculation on the AUX channel. Usually, this is the neutral current chan-
nel, but can be defined to be the RMS average of any harmonic of the quantities defined in the AUX_MUX field of the
AUX_CFG register.
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Offset Low Byte
Reset:
0x00
Bit:
31
30
29
28
27
26
25
24
Name:
RMS Result, Byte 3
Reset:
Bit:
23
22
21
20
19
18
17
16
Name:
RMS Result, Byte 2
Reset:
Bit:
15
14
13
12
11
10
9
8
Name:
RMS Result, Byte 1
Reset:
Bit:
7
6
5
4
3
2
1
0
Name:
RMS Result, Byte 0
Reset:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com