Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 51 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 51 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 55Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
51
Virtual Registers
The virtual registers are calculated values derived from one or more real registers. They are calculated at the time
they are requested, and thus could involve additional time to return a value. Most virtual registers are 8 bytes in
length and are delivered least significant byte first.
Power
Real Power, Phase X = A/B/C/T (PWRP.X) (A: 0x801, B: 0x802, C: 0x804, T: 0x807)
This signed register contains the real instantaneous power delivered into phase A/B/C or total. Power is calculated
from the instantaneous energy measurement according to the following equation:
The register is 8 bytes long, but the most significant 2 bytes are not used. See the PWR_CC register description for
more details.
Note that the sign bit is bit 47 for all 8-byte signed virtual registers.
Reactive Power, Phase X = A/B/C/T (PWRQ.X) (A: 0x811, B: 0x812, C: 0x814, T: 0x817)
This signed register contains the reactive instantaneous power delivered into phase A/B/C or total. Power is calculat-
ed from the instantaneous energy measurement according to the following equation:
The register is 8 bytes long, but the most signficant 2 bytes are not used. See the PWR_CC register description for
more details.
PWRQ X
X REA
PWR CC
NS
.
._
=
×× 216
PWRP X
XACT
PWR CC
NS
.
._
=
×× 216
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com