Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
39
Phase-Angle Compensation, Medium Range, Phase X = A/B/C (X.PA1)
(A: 0x140, B: 0x22C, C: 0x318)
This signed register contains the angle, as a fraction of one radian, to add to the measured phase angle when the
measured current is between the values given in I1THR and I2THR. This signed value ranges from -0.5 radian (at a
value of 0x8000) to +(0.5 - 2-16) radian (at a value of 0x7FFF).
Phase-Angle Compensation, Low Range, Phase X = A/B/C (X.PA2)
(A: 0x142, B: 0x22E, C: 0x31A)
This signed register contains the angle, as a fraction of one radian, to add to the measured phase angle when the
measured current is below the value given in I2THR. This signed value ranges from -0.5 radian (at a value of 0x8000)
to +(0.5 - 2-16) radian (at a value of 0x7FFF).
Limit Registers
Overcurrent Level (OCLVL) (0x044)
This register specifies the fraction of full-scale current that is declared to be an overcurrent condition. When X.IRMS
exceeds this level for one DSP cycle, the OCF flag in the X.FLAGS register is set. If the OCM flag is set in the
X.MASK register, setting the OCF flag will cause the interrupt bit OC to be set in the IRQ_FLAG register. If the inter-
rupt is enabled, the interrupt pin is driven active. Full scale is represented by 0x10000. The maximum value for this
register is 0xFFFF.
Bit:
15
14
13
12
11
10
9
8
Name:
Phase-Angle Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Phase-Angle Offset Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Phase-Angle Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Phase-Angle Offset Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Overcurrent Level High Byte
Reset:
0xFF
Bit:
7
6
5
4
3
2
1
0
Name:
Overcurrent Level Low Byte
Reset:
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com