Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
48
______________________________________________________________________________________
Power Units Conversion Coefficient (PWR_CC) (0x018)
This register contains the value by which the raw power value in each phase is multiplied before being presented to
the virtual power registers. The table below lists the raw power registers and the corresponding virtual registers.
PWR_CC establishes the amount of power represented by one PWR_LSB of the power registers. To avoid significant
conversion loss, PWR_LSB should be chosen such that PWR_CC is > 1000. Calculate the value of PWR_CC accord-
ing to the following formula:
PWR CC
IV
PWR LSB
FS
FS
_
_
=
×
×
2 32
Bit:
15
14
13
12
11
10
9
8
Name:
Power Units Conversion Coefficient High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Power Units Conversion Coefficient Low Byte
Reset:
0x01
DESCRIPTION
RAW
VIRTUAL
Real power, phase A
A.ACT
PWRP.A
Real power, phase B
B.ACT
PWRP.B
Real power, phase C
C.ACT
PWRP.C
Real power, total
—
PWRP.T
Reactive power, phase A
A.REA
PWRQ.A
Reactive power, phase B
B.REA
PWRQ.B
Reactive power, phase C
C.REA
PWRQ.C
Reactive power, total
—
PWRQ.T
Apparent power, phase A
A.APP
PWRS.A
Apparent power, phase B
B.APP
PWRS.B
Apparent power, phase C
C.APP
PWRS.C
Apparent power, total
—
PWRS.T
Real power, phase A, fundamental frequency only
A.ACTF
PWRPF.A
Real power, phase B, fundamental frequency only
B.ACTF
PWRPF.B
Real power, phase C, fundamental frequency only
C.ACTF
PWRPF.C
Real power, total, fundamental frequency only
—
PWRPF.T
Reactive power, phase A, fundamental frequency only
A.REAF
PWRQF.A
Reactive power, phase B, fundamental frequency only
B.REAF
PWRQF.B
Reactive power, phase C, fundamental frequency only
C.REAF
PWRQF.C
Reactive power, total, fundamental frequency only
—
PWRQF.T
Apparent power, phase A, fundamental frequency only
A.APPF
PWRSF.A
Apparent power, phase B, fundamental frequency only
B.APPF
PWRSF.B
Apparent power, phase C, fundamental frequency only
C.APPF
PWRSF.C
Apparent power, total, fundamental frequency only
—
PWRSF.T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com