Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
16
______________________________________________________________________________________
Entry into Stop Mode only occurs at the request of the
master. To place the MAXQ3183 into Stop Mode, the
master must read the ENTER STOP (0xC02) register.
Once this register has been read, the MAXQ3183
enters Stop Mode immediately, before the transmission
of the final ACK byte by the MAXQ3183.
There are three possible ways to bring the MAXQ3183
back out of Stop Mode.
• Power Cycle. The MAXQ3183 automatically exits
Stop Mode if a power-on reset occurs. Following exit
from Stop Mode, all registers are cleared back to
their default states, and the MAXQ3183 transitions to
Initialization Mode.
• External Reset. The MAXQ3183 exits Stop Mode if
an external reset is triggered by driving RESET low.
Once the RESET pin is released and allowed to
return to a high state, the MAXQ3183 comes out of
reset and goes into Initialization Mode. All registers
are cleared to their default states when exiting Stop
Mode in this manner.
• External Interrupt. Driving the SSEL pin low causes
the MAXQ3183 to exit Stop Mode without undergoing
a reset cycle. When exiting Stop Mode in this man-
ner, all register and configuration settings are
retained, and the MAXQ3183 automatically resumes
electric-metering functions and sample processing.
Note that when the master is communicating with the
MAXQ3183, the SSEL line is normally driven low at the
beginning of each SPI command. This means that if the
master sends an SPI command after the MAXQ3183
enters Stop Mode, the MAXQ3183 automatically exits
Stop Mode.
Reset Sources
There are several different sources that can cause the
MAXQ3183 to undergo a reset cycle. For any type of
hardware reset, the RESET pin is driven low when a
reset occurs.
External Reset
This hardware reset is initiated by an external source
(such as the master controller or a manual pushbutton
press) driving the RESET pin on the MAXQ3183 low.
The RESET line must be held low for at least four cycles
of the currently selected clock for the external reset to
take effect. Once the external reset takes effect, it
remains in effect indefinitely as long as RESET is held
low. Once the external reset has been released, the
MAXQ3183 clears all registers to their default states
and resumes execution in Initialization Mode.
When an external reset occurs outside of Stop Mode,
execution (in Initialization Mode) resumes after four
cycles of the currently selected clock (external high-fre-
quency crystal for Run Mode, 1MHz internal RC oscilla-
tor for LOWPM Mode). As the MAXQ3183 enters
Initialization Mode, the LOWPM bit is always cleared
CLOCK
RESET
RESET
SAMPLING
INTERNAL
RESET
BEGIN RUNNING IN INITIALIZATION MODE
Figure 1. External Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com