Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 55Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 56Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 57Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
54
______________________________________________________________________________________
Theory of Operation
Analog Front-End Operation
Whenever the MAXQ3183 is in one of the active operat-
ing modes (Run Mode or LOWPM Mode), the analog
front-end operates continuously, scanning up to eight
scan slots depending on the selected front-end config-
uration. For each analog scan slot that is enabled, one
of the eight differential input pairs is measured.
The SCAN_IX and SCAN_VX (X = A/B/C), SCAN_IN,
and SCAN_TE registers contain the settings for each
slot, which include whether the slot is enabled and the
differential input pair to measure during that scan slot.
The logical mapping of the slots is fixed in following
order:
• Slot 0—Phase A Current (IA)
• Slot 1—Phase A Voltage (VA)
• Slot 2—Phase C Current (IC)
• Slot 3—Phase C Voltage (VC)
• Slot 4—Phase B Current (IB)
• Slot 5—Phase B Voltage (VB)
• Slot 6—Neutral Current (IN)—disabled by default
• Slot 7—Temperature Measurement—disabled by
default
The required time for each analog scan slot measure-
ment (tC) is determined by the MAXQ3183 system
clock frequency and the setting of the R_ADCRATE
hardware register, as shown below:
tC = 1/fCLK x (R_ADCRATE[8:0] + 1)
Using the default register settings (R_ADCRATE = 167h
= 359d), the time for each analog slot measurement
(tC) is 45μs when the MAXQ3183 is running at 8MHz.
Since there are eight analog scan slots in the measure-
ment frame, the total time for all measurements (tFR) is
tC x 8. Using the default settings with the MAXQ3183
running at 8MHz, the entire sequence of measurements
takes 360μs to complete, which, in turn, means that
360μs will elapse, for example, between one phase A
current measurement and the next.
Even if some of the analog measurement slots (such as
neutral current or temperature measurement) are
skipped by setting the DADCNV bit in that slot’s regis-
ter to 1, the time period for that slot will remain in the
frame, ensuring that the total frame time is always tC x
8, regardless of which individual slots are enabled or
disabled.
Digital Signal Processing (DSP)
Terminology
Establishing the precise definitions of some of the terms
used in this document will assist in understanding how
the DSP functions.
Sample Period: The amount of time required to mea-
sure a single data element; 45μs, by default.
ADC Frame Period: The amount of time required for
the ADC to sample all analog inputs; always equal to 8
sample periods. The inverse of this value is the
frame
rate; by default 2778 samples per second. This is the
rate at which any particular signal is sampled by the
MAXQ3183.
Line Cycle: The period of time from one positive-going
zero crossing on a voltage channel to the next positive-
going zero crossing. At 50Hz, this is nominally 20ms; at
60Hz, this is nominally 16.67ms.
Cycle Count: The number of line cycles contained in a
single DSP cycle. An integer, this is typically set to
some value greater than one to minimize the effect of
load variations that may not occur in every line cycle.
By default, this value is 16.
DSP Cycle: The period of time over which line parame-
ters are calculated. Energy and other parameters are
accumulated once per DSP cycle. One DSP cycle is
the time of a line cycle multiplied by the cycle count.
NS: This value represents the number of ADC frame
periods in a DSP cycle. This is a noninteger calculated
value. For example, if the cycle count is set to unity,
and the line frequency is exactly 50Hz, the NS value
would be 20ms/360μs = 55.6.
Digital Processing
As voltage and current samples are collected, the
MAXQ3183 performs a variety of digital filtering,
accumulation, and processing calculations to arrive at
meter-reading values (such as line frequency, RMS
voltage and current, and active and reactive power)
that can then be read by the master. The MAXQ3183
calculates and detects values and conditions including
the following:
• Zero-crossing detection
• Line frequency and line period calculation
• RMS voltage (phase A, phase B, phase C)
• RMS current (phase A, phase B, phase C, neutral
current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com