Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
12
______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SSEL Low to First SCLK Edge
(Slave Enable)
tSE
(Note 3)
4tSYS
ns
Last SCLK Edge to SSEL High
(Slave Disable)
tSD
tSYS +
5
ns
MOSI Valid to SCLK Sample
Edge (MOSI Setup)
tSIS
5
ns
SCLK Sample Edge to MOSI
Change (MOSI Hold)
tSIH
tSYS +
5
ns
SCLK Shift Edge to MISO Valid
(MISO Hold)
tSOV
3tSYS
+ 5
ns
Note 1: Specifications guaranteed by design but not production tested.
Note 2: Specifications to -40°C are guaranteed by design and are not production tested.
Note 3: tSYS = 1/fSYS.
SPI Slave Mode Timing
SSEL
SHIFT EDGE
SAMPLE EDGE
SCLK
DATA OUTPUT
DATA INPUT
tSD
tSE
tSOV
tSIS
tSIH
tSCL
tSCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com