Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
74
______________________________________________________________________________________
Time Slot Assignment—Voltage Channel X = A/B/C (SCAN_VX)
(A: 0x009, B: 0x00D, C: 0x00B)
These registers configure the time slot normally assigned to voltage channels A/B/C. The user may wish to change the
PGG settings to match the voltage sensor. However, it is recommended that the user not modify the ADCMX settings.
BIT
NAME
FUNCTION
7:4
ADCMX
Analog Conversion Select. This four-bit field determines which of the following analog inputs are
sampled during this time slot.
0000 = V0P - VN (Phase A Voltage: 0000)
0001 = V1P - VN (Phase B Voltage: 0001)
0010 = V2P - VN (Phase C Voltage: 0010)
0011 = I0P - I0N
0100 = I1P - I1N
0101 = I2P - I2N
0110 = INP - VN
1xxx = Temperature
3
DADCNV
ADC Disable. When set, disables the ADC for this time slot.
2:0
PGG
Programmable Gain Amplifier Select. This three-bit field configures the programmable-gain amplifier at
the front-end of the analog input. The field has the following values:
000 = Gain of 1
001 = Gain of 2
010 = Gain of 4
011 = Gain of 8
100 = Gain of 16
101 = Gain of 32
All other values are reserved and can cause unpredictable behavior if selected.
Bit:
7
6
5
4
3
2
1
0
Name:
ADCMX
DADCNV
PGG
Reset A:
0x0
0
0x0
Reset B:
0x1
0
0x0
Reset C:
0x2
0
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com