Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 78 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 78 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 82Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
78
______________________________________________________________________________________
DSP System Configuration
System Clock Frequency (SYS_KHZ) (0x012)
This register contains the system clock frequency in kHz units. Because the default frequency is 8MHz, this register
defaults to 0x1F40.
Cycle Count (CYCNT) (0x01C)
This register contains the number of line cycles that will be accumulated in a single DSP cycle. When CYCNT line
cycles have been accumulated, the DSP performs power, power factor, and energy calculations. By default, the
cycle count is 0x10 (16 decimal).
Bit:
15
14
13
12
11
10
9
8
Name:
Cycle Count High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Cycle Count Low Byte
Reset:
0x10
Bit:
15
14
13
12
11
10
9
8
Name:
System Clock Frequency High Byte
Reset:
0x1F
Bit:
7
6
5
4
3
2
1
0
Name:
System Clock Frequency Low Byte
Reset:
0x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com