Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 80 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 80 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 82Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 83Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 84Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
80
______________________________________________________________________________________
Line Cycle Averaging Filter (AVG_NS) (0x02E)
This register determines whether the NS value is averaged over previous values or whether the most recently measured
value is used directly. If the value of this register is nonzero, the NS value is averaged using the following formula:
If the value of this register is zero, NS is not averaged. The MSB of this register must be zero.
Meter Measurement Averaging Filter (AVG_C) (0x030)
This register determines whether the all other measured values in the electricity meter are averaged over time. If the
value of this register is nonzero, all measured meter values are averaged using the following formula:
If the value of this register is zero, no averaging is performed. The MSB of this register must be zero.
yy
AVG C
xy
nn
nn
=+
−
−
−
1
1
16
2
_
yy
AVG NS
xy
nn
nn
=+
−
−
−
1
1
16
2
_
Bit:
15
14
13
12
11
10
9
8
Name:
Meter Measurement Averaging Filter High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Meter Measurement Averaging Filter Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Line Cycle Averaging Filter High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Line Cycle Averaging Filter Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com