Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
76
______________________________________________________________________________________
Time Slot Assignment—Temperature Channel (SCAN_TE) (0x00F)
This register configures the time slot normally assigned to the temperature measurement device. This register is
managed by the firmware and should not be modified by the host.
BIT
NAME
FUNCTION
7:4
ADCMX
Analog Conversion Select. This four-bit field determines which of the following analog inputs are
sampled during this time slot.
0000 = V0P - VN
0001 = V1P - VN
0010 = V2P - VN
0011 = I0P - I0N
0100 = I1P - I1N
0101 = I2P - I2N
0110 = INP - VN
0111 = Auto-zero ADC
1xxx = Temperature
By default, this register is set to 1000.
3
DADCNV
ADC Disable. When set, disables the ADC for this time slot.
2:0
PGG
Programmable Gain Amplifier Select. This three-bit field configures the programmable-gain amplifier at
the front end of the analog input. The field has the following values:
000 = Gain of 1
001 = Gain of 2
010 = Gain of 4
011 = Gain of 8
100 = Gain of 16
101 = Gain of 32
All other values are reserved and can cause unpredictable behavior if selected. This register is
managed by the firmware and should not be modified by the host.
Bit:
7
6
5
4
3
2
1
0
Name:
ADCMX
DADCNV
PGG
Reset:
0x8
1
0x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com