Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
20
______________________________________________________________________________________
During an SPI transfer, data is simultaneously transmit-
ted and received over two serial data lines (MISO and
MOSI) with respect to a single serial shift clock (SCLK).
The polarity and phase of the serial shift clock are the
primary components in defining the SPI data transfer
format. The polarity of the serial clock corresponds to
the idle logic state of the clock line and, therefore, also
defines which clock edge is the active edge. To define
a serial shift clock signal that idles in a logic-low state
(active clock edge = rising), the clock polarity select
(CKPOL; R_SPICF.0) bit should be configured to a 0,
while setting CKPOL = 1 causes the shift clock to idle in
a logic-high state (active clock edge = falling). The
phase of the serial clock selects which edge is used to
sample the serial shift data. The clock phase select
(CKPHA; R_SPICF.1) bit controls whether the active or
inactive clock edge is used to latch the data. When
CKPHA is set to a logic 1, data is sampled on the inac-
tive clock edge (clock returning to the idle state). When
CKPHA is set to a logic 0, data is sampled on the active
clock edge (clock transition to the active state).
Together, the CKPOL and CKPHA bits allow four possi-
ble SPI data transfer formats.
Transfers over the SPI interface always start with the
most significant bit and end with the least significant
bit. All SPI data transfers to and from the MAXQ3183
are always 8 bits (one byte) in length. The MAXQ3183
SPI interface does not support 16-bit character lengths.
The default format (upon power-up or system reset) for
the MAXQ3183 SPI interface is represented in
Figure 4a (CKPOL = 0; CKPHA = 0). In this format, the
SCLK CYCLE #
(FOR REFERENCE)
SCLK (CKPOL = 0)
SCLK (CKPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SSEL (TO SLAVE)
1
MSB
6
5
4
3
2
1
LSB
2
3
4
5
6
7
8
6
MSB
*NOT DEFINED BUT NORMALLY MSB OF CHARACTER JUST RECEIVED.
5
4
3
2
1
LSB
*
1
MSB
6
5
4
3
2
1
LSB
2
3
4
5
6
7
8
MSB
*
*NOT DEFINED BUT NORMALLY LSB OF PREVIOUSLY TRANSMITTED CHARACTER.
6
5
4
3
2
1
LSB
SCLK CYCLE #
(FOR REFERENCE)
SCLK (CKPOL = 0)
SCLK (CKPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SSEL (TO SLAVE)
Figure 4b. SPI Interface Timing (CKPHA = 1)
Figure 4a. SPI Interface Timing (CKPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com