Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 20Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 21Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 22Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 23Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 24Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 25Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 26Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 27Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
24
______________________________________________________________________________________
Figures 5 and 6 show typical 2-byte reading and writing
transfers (without CRC byte).
Host Software Design
Individual message bytes sent through the SPI are
processed in a software routine contained in the ROM
firmware. For this reason, it is necessary to provide a
delay between successive bytes. This byte spacing
must be no less than 400 system clocks to ensure that
the MAXQ3183 has a chance to read and process the
byte before the arrival of the next one. It is strongly rec-
ommended that CRC be enabled for both read and
write to achieve reliable operations.
Register Set
Data and device command and control information are
located in internal registers. Registers range from 8 to 64
bits in length and are divided into RAM-based registers
and virtual registers. The RAM-based registers contain
both operating parameters and measurement results.
To read any virtual power registers, the host must first
confirm that the DSPRDY bit of the IRQ_FLAG register
is set, which indicates the last DSP cycle has complet-
ed, then proceed to reading all the desired virtual
power registers. For best communication efficiency, it is
recommended to complete reading the virtual power
registers before reading other registers. Virtual power
register reads must be completed within 50% of DSP
cycle time, from the moment DSPRDY bit is set. Do not
forget to clear the DSPRDY bit, otherwise, host software
is not able to detect the completion of the new DSP
cycle. The MAXQ3183 does not clear the bit; it only
sets the bit whenever a DSP cycle processing is com-
pleted. Users can clear the bit directly after the confir-
mation that the bit is set. Clearing the DSPRDY bit does
not affect the DSP processing.
SSEL
SCLK
MOSI
MISO
READING DATA FROM MAXQ3183 THROUGH SPI INTERFACE
00 01
ADDRESS
DUMMY
DUMMY
DUMMY
DUMMY
0xC1
0xC2
NACK (0x4E)
DATA LSB
DATA MSB
ACK (0x41)
SSEL
SCLK
MOSI
MISO
10 01
ADDRESS
DUMMY
DUMMY
0xC1
0xC2
ACK (0x41)
NACK (0x4E)
ACK (0x41)
ACK (0x41)
WRITING DATA TO MAXQ3183 THROUGH SPI INTERFACE
DATA LSB
DATA MSB
Figure 6. Write SPI Transfer
Figure 5. Read SPI Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com