Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 84Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 85Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 86Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 87Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 88Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 89Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 90Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 91Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
88
______________________________________________________________________________________
Gain, Fundamental Energy, Phase X = A/B/C (X.EF_GAIN) (A: 0x136, B: 0x222, C: 0x30E)
This register contains gain coefficient for phase X fundamental energy. The raw values are taken from the selected
measurement quantity and scaled by the following factor:
Linearity Compensation
Linearity Offset, High Range, Phase X = A/B/C (X.OFFS_HI) (A: 0x138, B: 0x224, C: 0x310)
This signed register contains the linearity offset for phase X current channel when the programmable gain amplifier
is set to unity gain (that is, the measured current is above the low current threshold). The signed value represented
by this register is added to the current value according to following formula:
X.IRMS + X.OFFS_HI x 24
Linearity Gain Coefficient, Low Range, Phase X = A/B/C (X.GAIN_LO)
(A: 0x13A, B: 0x226, C: 0x312)
This register contains the linearity coefficient for phase X current channel when the programmable gain amplifier is
set to gain of 32 (that is, the measured current is below the low current threshold). The effective gain is given by the
equation:
XGAIN LO
._
214
XEF GAIN
._
214
Bit:
15
14
13
12
11
10
9
8
Name:
Gain Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Gain Coefficient Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Offset Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com