Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3183-RAN+ Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # MAXQ3183-RAN+
Description  Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3183-RAN+ Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button MAXQ3183-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3183-RAN+ Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
Low-Power, Multifunction, Polyphase AFE
with Harmonics and Tamper Detect
______________________________________________________________________________________
43
Measurements
Line Frequency (LINEFR) (0x062)
Line frequency, LSB = 0.001Hz.
Power Factor, Phase X = A/B/C (X.PF) (A: 0x1C6, B: 0x2B2, C: 0x39E)
Power factor of phase A/B/C, LSB = 1/214. Note that the power factors are signed integers, and a negative value
indicates a reversed power flow direction.
RMS Voltage, Phase X = A/B/C (X.VRMS) (A: 0x1C8, B: 0x2B4, C: 0x3A0)
This register provides the raw RMS voltage over the most recent DSP cycle, LSB = VFS/224.
Bit:
15
14
13
12
11
10
9
8
Name:
Line Frequency High Byte
Reset:
Bit:
7
6
5
4
3
2
1
0
Name:
Line Frequency Low Byte
Reset:
Bit:
15
14
13
12
11
10
9
8
Name:
Power Factor High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Power Factor Low Byte
Reset:
0x00
Bit:
31
30
29
28
27
26
25
24
Name:
RMS Voltage Byte 3
Bit:
23
22
21
20
19
18
17
16
Name:
RMS Voltage Byte 2
Bit:
15
14
13
12
11
10
9
8
Name:
RMS Voltage Byte 1
Bit:
7
6
5
4
3
2
1
0
Name:
RMS Voltage Byte 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com