Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 34Page - Analog Devices ADE7878 Datasheet HTML 35Page - Analog Devices ADE7878 Datasheet HTML 36Page - Analog Devices ADE7878 Datasheet HTML 37Page - Analog Devices ADE7878 Datasheet HTML 38Page - Analog Devices ADE7878 Datasheet HTML 39Page - Analog Devices ADE7878 Datasheet HTML 40Page - Analog Devices ADE7878 Datasheet HTML 41Page - Analog Devices ADE7878 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
ADE7878
Rev. 0 | Page 38 of 92
After the LPF and the execution of the square root, the rms
value of f(t) is obtained by
∑
∞
=
=
1
2
k
k
F
F
(13)
The rms calculation based on this method is simultaneously
processed on all seven analog input channels. Each result is
available in the 24-bit registers: AIRMS, BIRMS, CIRMS,
AVRMS, BVRMS, CVRMS, and NIRMS.
The other method computes the absolute value of the input
signal and then filters it to extract its dc component. It basically
computes the absolute mean value of the input. If the input
signal in Equation 12 has only fundamental component, its
average value is
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎣
⎡
×
×
−
×
×
=
∫
∫
T
T
1
T
1
DC
dt
t
ω
F
dt
t
ω
F
T
F
2
2
0
)
sin(
2
)
sin(
2
1
1
DC
F
π
F
×
×
=
2
2
The calculation based on this method is simultaneously
processed only on the three phase currents. Each result is
available in the 20-bit registers: AIMAV, BMAV, and CMAV.
Note that the proportionality between mav and rms values is
maintained only for the fundamental components. If harmonics
are present in the current channel, then the mean absolute value
is not anymore proportional to rms.
Current RMS Calculation
This section presents the first approach to compute the rms
values of all phase and neutral currents.
Figure 53 shows the detail of the signal processing chain for the
rms calculation on one of the phases of the current channel.
The current channel rms value is processed from the samples
used in the current channel. The current rms values are signed
24-bit values, and they are stored into the AIRMS[23:0],
BIRMS[23:0], CIRMS[23:0], and NIRMS[23:0] registers. The
update rate of the current rms measurement is 8 kHz.
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately ±5,928,256.
The equivalent rms value of a full-scale sinusoidal signal is
4,191,910 (0x3FF6A6), independent of the line frequency. If
the integrator is enabled, that is, when Bit 0 (INTEN) in the
CONFIG[15:0] register is set to 1, the equivalent rms value of
a full-scale sinusoidal signal at 50 Hz is 4,191,910 (0x3FF6A6)
and at 60 Hz is 3,493,258 (0x354D8A).
The accuracy of the current rms is typically 0.1% error from
the full-scale input down to 1/1000 of the full-scale input when
PGA = 1. Additionally, this measurement has a bandwidth of
2 kHz. It is recommended to read the rms registers synchronous
to the voltage zero crossings to ensure stability. The IRQ1 inter-
rupt can be used to indicate when a zero crossing has occurred
(see the
section).
shows the settling time for
the I rms measurement, which is the time it takes for the rms
register to reflect the value at the input to the current channel
when starting from 0.
Interrupts
Table 12
Table 12. Settling Time for I rms Measurement
Integrator Status
50 Hz Input Signals
60 Hz InputSignals
Integrator Off
440 ms
440 ms
Integrator On
550 ms
500 ms
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to the register presented in
Figure 33, the AIRMS, BIRMS, CIRMS, and NIRMS 24-bit
signed registers are accessed as 32-bit registers with the eight
MSBs padded with 0s.
0xA58AC0 =
–5,928,256
0x5A7540 =
5,928,256
0V
CURRENT SIGNAL FROM
HPF OR INTEGRATOR
(IF ENABLED)
LPF
x2
√
27
xIRMSOS[23:0]
xIRMS[23:0]
Figure 53. Current RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com