Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 32 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 28Page - Analog Devices ADE7878 Datasheet HTML 29Page - Analog Devices ADE7878 Datasheet HTML 30Page - Analog Devices ADE7878 Datasheet HTML 31Page - Analog Devices ADE7878 Datasheet HTML 32Page - Analog Devices ADE7878 Datasheet HTML 33Page - Analog Devices ADE7878 Datasheet HTML 34Page - Analog Devices ADE7878 Datasheet HTML 35Page - Analog Devices ADE7878 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
ADE7878
Rev. 0 | Page 32 of 92
The ANGLE0, ANGLE1, and ANGLE2 registers are 16-bit
unsigned registers with 1 LSB corresponding to 3.90625 μs
(256 kHz clock), which means a resolution of 0.0703° (360° ×
50 Hz/256 kHz) for 50 Hz systems and 0.0843° (360° ×
60 Hz/256 kHz) for 60 Hz systems. The delays between phase
voltages or phase currents are used to characterize how
balanced the load is. The delays between phase voltages and
currents are used to compute the power factor on each phase as
shown in the following Equation 5:
cosφx = cos
×
×
kHz
256
360
LINE
f
ANGLEx
o
(5)
where x = A, B, or C and fLINE is 50 Hz or 60 Hz.
Period Measurement
The ADE7878 provides the period measurement of the line in
the voltage channel. Bits[1:0] (PERSEL[1:0]) in the MMODE[7:0]
register select the phase voltage used for this measurement. The
period register is a 16-bit unsigned register and is updated every
line period. Because of the LPF1 filter (see Figure 40), a settling
time of 30 ms to 40 ms is associated with this filter before the
measurement is stable.
The period measurement has a resolution of 3.90625 μs/LSB
(256 kHz clock), which represents 0.0195% (50 Hz/256 kHz)
when the line frequency is 50 Hz and 0.0234% (60 Hz/256 kHz)
when the line frequency is 60 Hz. The value of the period register
for 50 Hz networks is approximately 5120 (256 kHz/50 Hz) and
for 60 Hz networks is approximately 4267 (256 kHz/60 Hz). The
length of the register enables the measurement of line frequencies
as low as 3.9 Hz (256 kHz/216). The period register is stable at
±1 LSB when the line is established and the measurement does
not change.
The following expressions can be used to compute the line
period and frequency using the Period[15:0] register:
[]
sec
3
256
]
0
:
15
[
E
Period
T
L =
(6)
]
Hz
[
]
0
:
15
[
3
256
Period
E
f
L =
(7)
Phase Voltage Sag Detection
The ADE7878 can be programmed to detect when the absolute
value of any phase voltage drops below a certain peak value for a
number of half-line cycles. The phase where this event took place is
identified in Bits[14:12] (VSPHASE[2:0]) of the PHSTATUS[15:0]
register. This condition is illustrated in Figure 46.
PHASE A VOLTAGE
BIT 16 (SAG) IN
STATUS1[31:0]
VSPHASE[0] =
PHSTATUS[12]
IRQ1 PIN
FULL SCALE
SAGLVL[23:0]
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0] = 0x4
PHASE B VOLTAGE
VSPHASE[1] =
PHSTATUS[13]
STATUS[16] AND
PHSTATUS[13]
SET TO 1
STATUS1[16] AND
PHSTATUS[12]
CANCELLED BY A
WRITE TO
STATUS1[31:0]
WITH SAG BIT SET
SAGCYC[7:0] = 0x4
Figure 46. Sag Detection
Figure 46 shows Phase A voltage falling below a threshold that is
set in the SAG level register (SAGLVL[23:0]) for four half-line
cycles (SAGCYC = 4). When Bit 16 (SAG) in the STATUS1[31:0]
register is set to 1 to indicate the condition, Bit VSPHASE[0] in
the PHSTATUS[15:0] register is also set to 1 because the event
happened on Phase A. Bit 16 (SAG) in the STATUS1[31:0] reg-
ister, and all Bits[14:12] (VSPHASE[2:0]) of the PHSTATUS[15:0]
register (not just the VSPHASE[0] bit), are erased by writing the
STATUS1[31:0] register with the SAG bit set to 1.
The SAGCYC[7:0] register represents the number of half-line
cycles the phase voltage must remain below the level indicated
in the SAGLVL register to trigger a SAG condition; 0 is not a
valid number for SAGCYC. For example, when the SAG cycle
(SAGCYC[7:0]) contains 0x07, the SAG flag in the STATUS1[31:0]
register is set at the end of the seventh half-line cycle for which
the line voltage falls below the threshold. If Bit 16 (SAG) in
MASK1[31:0] is set, the IRQ1 interrupt pin is driven low in case
of a SAG event in the same moment the Status Bit 16 (SAG) in
STATUS1[31:0] register is set to 1. The SAG status bit in the
STATUS1[31:0] register and all Bits[14:12] (VSPHASE[2:0]) of
the PHSTATUS[15:0] register are cleared, and the IRQ1 pin is
returned to high by writing to the STATUS1[31:0] register with
the status bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com