Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 24Page - Analog Devices ADE7878 Datasheet HTML 25Page - Analog Devices ADE7878 Datasheet HTML 26Page - Analog Devices ADE7878 Datasheet HTML 27Page - Analog Devices ADE7878 Datasheet HTML 28Page - Analog Devices ADE7878 Datasheet HTML 29Page - Analog Devices ADE7878 Datasheet HTML 30Page - Analog Devices ADE7878 Datasheet HTML 31Page - Analog Devices ADE7878 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
ADE7878
Rev. 0 | Page 28 of 92
DICOEFF[23:0] 24-bit signed register is accessed as a 32-bit
register with four MSBs padded with 0s and sign extended to
28 bits, which practically means it is transmitted equal to
0xFFF8000.
When the digital integrator is switched off, the ADE7878 can
be used directly with a conventional current sensor, such as
a current transformer (CT).
VOLTAGE CHANNEL ADC
Figure 38 shows the ADC and signal processing chain for
Input VA in the voltage channel. The VB and VC channels
have similar processing chains. The ADC outputs are signed
twos complement 24-bit words and are available at a rate of
8 kSPS. With the specified full-scale analog input signal of
±0.5 V, the ADC produces its maximum output code value.
Figure 38 shows a full-scale voltage signal being applied to the
differential inputs (VA and VN). The ADC output swings
between −5,928,256 (0xA58AC0) and +5,928,256 (0x5A7540).
Voltage Waveform Gain Registers
There is a multiplier in the signal path of each phase voltage.
The voltage waveform can be changed by ±100% by writing a
corresponding twos complement number to the 24-bit signed
current waveform gain registers (AVGAIN[23:0], BVGAIN[23:0],
and CVGAIN[23:0]). For example, if 0x400000 is written to
those registers, the ADC output is scaled up by 50%. To scale
the input by −50%, write 0xC00000 to the registers. Equation 4
describes mathematically the function of the current waveform
gain registers.
Voltage Waveform =
⎟⎟
⎜⎜
+
×
23
2
1
Register
Gain
Voltage
of
Content
Output
ADC
(4)
Changing the content of AVGAIN[23:0], BVGAIN[23:0], and
CVGAIN[23:0] affects all calculations based on its voltage; that
is, it affects the corresponding phase active/reactive/apparent
energy and voltage rms calculation. In addition, waveform
samples are scaled accordingly.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. As
presented in Figure 32, the AVGAIN, BVGAIN, and CVGAIN
registers are accessed as 32-bit registers with four MSBs padded
with 0s and sign extended to 28 bits.
Voltage Channel HPF
As explained in the Current Channel HPF section, the ADC
outputs can contain a dc offset that can create errors in power
and rms calculations. HPFs are placed in the signal path of the
phase voltages, similar to the ones in the current channels. The
HPFDIS[23:0] register can enable or disable the filters. See the
Current Channel HPF section for more details.
Voltage Channel Sampling
The waveform samples of the current channel are taken at the
output of HPF and stored into VAWV, VBWV, and VCWV
24-bit signed registers at a rate of 8 kSPS. All power and rms
calculations remain uninterrupted during this process. Bit 17
(DREADY) in the STATUS0[31:0] register is set when the
VAWV, VBWV, and VCWV registers are available to be read
using the I2C or SPI serial port. Setting Bit 17 (DREADY) in the
MASK0[31:0] register enables an interrupt to be set when the
DREADY flag is set. See the Digital Signal Processor section for
more details on Bit DREADY.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. Similar to registers presented in Figure 34,
the VAWV, VBWV, and VCWV 24-bit signed registers are
transmitted sign extended to 32 bits.
The ADE7878 contains an HSDC port that is specially designed
to provide fast access to the waveform sample registers. See the
HSDC Interface section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com