Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 15Page - Analog Devices ADE7878 Datasheet HTML 16Page - Analog Devices ADE7878 Datasheet HTML 17Page - Analog Devices ADE7878 Datasheet HTML 18Page - Analog Devices ADE7878 Datasheet HTML 19Page - Analog Devices ADE7878 Datasheet HTML 20Page - Analog Devices ADE7878 Datasheet HTML 21Page - Analog Devices ADE7878 Datasheet HTML 22Page - Analog Devices ADE7878 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
ADE7878
Rev. 0 | Page 19 of 92
POWER MANAGEMENT
The ADE7878 has four modes of operation, determined by the
state of the PM0 and PM1 pins (see Table 8). These pins provide
complete control of the ADE7878 operation and can easily be
connected to an external microprocessor I/O. The PM0 and
PM1 pins have internal pull-up resistors. Table 10 and Table 11
list actions that are recommended before and after setting a new
power mode.
Table 8. ADE7878 Power Supply Modes
Power Supply Modes
PM1
PM0
PSM0, Normal Power Mode
0
1
PSM1, Reduced Power Mode
0
0
PSM2, Low Power Mode
1
0
PSM3, Sleep Mode
1
1
PSM0—NORMAL POWER MODE
In PSM0 mode, the ADE7878 is fully functional. The PM0 pin
is set to high and the PM1 pin is set to low for the ADE7878 to
enter this mode. If the ADE7878 is in one of PSM1, PSM2, or
PSM3 modes and is switched into PSM0 mode, then all control
registers take the default values with the exception of the threshold
register, LPOILVL[7:0], which is used in PSM2 mode, and the
CONFIG2[7:0] register, both of which maintain their values.
The ADE7878 signals the end of the transition period by triggering
the IRQ1 interrupt pin low and setting Bit 15 (RSTDONE) in
the STATUS1[31:0] register to 1. This bit is 0 during the transition
period and becomes 1 when the transition is finished. The status
bit is cleared and the IRQ1 pin is set back to high by writing
STATUS1[31:0] register with the corresponding bit set to 1.
Bit 15 (RSTDONE) in the interrupt mask register does not have
any functionality attached even if the IRQ1 pin goes low when
Bit 15 (RSTDONE) in the STATUS1[31:0] register is set to 1.
This makes the RSTDONE interrupt unmaskable.
PSM1—REDUCED POWER MODE
In this mode, the ADE7878 measures the mean absolute values
(mav) of the 3-phase currents and stores the results in the
AIMAV[19:0], BIMAV[19:0], and CIMAV[19:0] 20-bit
registers. This mode is useful in missing neutral cases in which
the voltage supply of the ADE7878 is provided by an external
battery. The serial ports, I2C or SPI, are enabled in this mode
and the active port can be used to read the AIMAV, BIMAV, and
CIMAV registers. It is not recommended to read any of the other
registers because their values are not guaranteed in this mode.
Similarly, a write operation is not taken into account by the
ADE7878 in this mode. In summary, in this mode, it is not
recommended to access any register other than AIMAV,
BIMAV, and CIMAV. The circuit that measures these estimates
of rms values is also active during PSM0; therefore, its calibration
can be completed in either PSM0 mode or in PSM1 mode. Note
that the ADE7878 does not provide any register to store or
process the corrections resulting from the calibration process.
The external microprocessor should store the gain values in
connection with these measurements and use them during
PSM1 (see the Current Mean Absolute Value Calculation
section for more details on the xIMAV registers).
The 20-bit mean absolute value measurements done in PSM1,
although available also in PSM0, are different from the rms
measurements of phase currents and voltages executed only in
PSM0 and stored in xIRMS and xVRMS 24-bit registers. See the
Current Mean Absolute Value Calculation section for details.
If the ADE7878 is set in PSM1 mode while still in PSM0, the
ADE7878 immediately begins the mean absolute value calcula-
tions without any delay. The xIMAV registers can be accessed at
any time; however, if the ADE7878 is set in PSM1 mode while
still in PSM2 or PSM3 modes, the ADE7878 signals the start of
the mean absolute value computations by triggering the IRQ1
pin low. The xIMAV registers can be accessed only after this
moment.
PSM2—LOW POWER MODE
In this mode, the ADE7878 compares all phase currents against
a threshold for a period of 0.02 × (LPLINE + 1) seconds,
independent of the line frequency. LPLINE are Bits[7:3] of the
LPOILVL[7:0] register (see Table 9).
Table 9. LPOILVL Register
Bit
Mnemonic
Default
Description
[2:0]
LPOIL
111
Threshold is put at a value
corresponding to full scale
multiplied by LPOIL/8.
[7:3]
LPLINE
00000
The measurement period is
(LPLINE + 1)/50 sec.
The threshold is derived from Bits[2:0] (LPOIL) of the
LPOILVL[7:0] register as LPOIL/8 of full scale. Every time
one phase current becomes greater than the threshold, a
counter is incremented. If every phase counter remains below
LPLINE + 1 at the end of the measurement period, then the
IRQ0 pin is triggered low. If a single phase counter becomes
greater or equal to LPLINE + 1 at the end of the measurement
period, the IRQ1 pin is triggered low.
illustrates how
the ADE7878 behaves in PSM2 mode when LPLINE = 2 and
LPOIL = 3. The test period is three 50 Hz cycles (60 ms), and
the Phase A current rises above the LPOIL threshold three times.
At the end of the test period, the
Figure 22
IRQ1 pin is triggered low.
The I2C or SPI port is not functional during this mode. The
PSM2 mode reduces the power consumption required to mon-
itor the currents when there is no voltage input and the voltage
supply of the ADE7878 is provided by an external battery. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com