Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 71Page - Analog Devices ADE7878 Datasheet HTML 72Page - Analog Devices ADE7878 Datasheet HTML 73Page - Analog Devices ADE7878 Datasheet HTML 74Page - Analog Devices ADE7878 Datasheet HTML 75Page - Analog Devices ADE7878 Datasheet HTML 76Page - Analog Devices ADE7878 Datasheet HTML 77Page - Analog Devices ADE7878 Datasheet HTML 78Page - Analog Devices ADE7878 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
ADE7878
Rev. 0 | Page 75 of 92
Address
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE505
BIMAV
R
20
32 ZP
U
N/A
Phase B current mean absolute value
computed during PSM0 and PSM1
modes.
0xE506
CIMAV
R
20
32 ZP
U
N/A
Phase C current mean absolute value
computed during PSM0 and PSM1
modes.
0xE507
OILVL
R/W
24
32 ZP
U
0xFFFFFF
Overcurrent threshold.
0xE508
OVLVL
R/W
24
32 ZP
U
0xFFFFFF
Overvoltage threshold.
0xE509
SAGLVL
R/W
24
32 ZP
U
0x000000
Voltage SAG level threshold.
0xE50A
MASK0
R/W
32
32
U
0x00000000
Interrupt Enable Register 0. See
Table 33.
0xE50B
MASK1
R/W
32
32
U
0x00000000
Interrupt Enable Register 1. See
Table 34.
0xE50C
IAWV
R
24
32 SE
S
NA
Instantaneous value of Phase A
current.
0xE50D
IBWV
R
24
32 SE
S
NA
Instantaneous value of Phase B
current.
0xE50E
ICWV
R
24
32 SE
S
NA
Instantaneous value of Phase C
current.
0xE50F
INWV
R
24
32 SE
S
N/A
Instantaneous value of neutral
current.
0xE510
VAWV
R
24
32 SE
S
NA
Instantaneous value of Phase A
voltage.
0xE511
VBWV
R
24
32 SE
S
NA
Instantaneous value of Phase B
voltage.
0xE512
VCWV
R
24
32 SE
S
NA
Instantaneous value of Phase C
voltage.
0xE513
AWATT
R
24
32 SE
S
NA
Instantaneous value of Phase A total
active power.
0xE514
BWATT
R
24
32 SE
S
NA
Instantaneous value of Phase B total
active power.
0xE515
CWATT
R
24
32 SE
S
NA
Instantaneous value of Phase C total
active power.
0xE516
AVAR
R
24
32 SE
S
NA
Instantaneous value of Phase A total
reactive power.
0xE517
BVAR
R
24
32 SE
S
NA
Instantaneous value of Phase B total
reactive power.
0xE518
CVAR
R
24
32 SE
S
NA
Instantaneous value of Phase C total
reactive power.
0xE519
AVA
R
24
32 SE
S
NA
Instantaneous value of Phase A
apparent power.
0xE51A
BVA
R
24
32 SE
S
NA
Instantaneous value of Phase B
apparent power.
0xE51B
CVA
R
24
32 SE
S
NA
Instantaneous value of Phase C
apparent power.
0xE51F
CHECKSUM
R
32
32
U
0x33666787
Checksum verification. See the
Checksum Register section for
details.
0xE520
VNOM
R/W
24
32 ZP
S
0x000000
Nominal phase voltage rms used in
the alternative computation of the
apparent power.
0xE521 to
0xE52E
Reserved
These addresses should not be
written for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com