Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 16Page - Analog Devices ADE7878 Datasheet HTML 17Page - Analog Devices ADE7878 Datasheet HTML 18Page - Analog Devices ADE7878 Datasheet HTML 19Page - Analog Devices ADE7878 Datasheet HTML 20Page - Analog Devices ADE7878 Datasheet HTML 21Page - Analog Devices ADE7878 Datasheet HTML 22Page - Analog Devices ADE7878 Datasheet HTML 23Page - Analog Devices ADE7878 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
ADE7878
Rev. 0 | Page 20 of 92
0
IRQ pin is triggered low at the end of a measurement period,
this signifies all phase currents stayed below threshold and,
therefore, there is no current flowing through the system. At
this point, the external microprocessor should set the ADE7878
in Sleep Mode PSM3. If the
1
IRQ pin is triggered low at the
end of the measurement period, this signifies that at least one
current input is above the defined threshold and current is
flowing through the system, although no voltage is present at
the ADE7878 pins. This situation is often called missing neutral
and is considered a tampering situation, at which point the
external microprocessor should set the ADE7878 in PSM1
mode, measure mean absolute values of phase currents, and
integrate the energy based on their values and the nominal
voltage.
It is recommended to use the ADE7878 in PSM2 mode when
Bits[2:0] (PGA1) of the Gain[15:0] register are equal to 1 or 2.
These bits represent the gain in the current channel datapath. It
is not recommended to use the ADE7878 in PSM2 mode when
the PGA1 bits are equal to 4, 8, or 16.
PHASE
COUNTER = 1
PHASE
COUNTER = 2
PHASE
COUNTER = 3
LPLINE = 2
IRQ 1
IA CURRENT
LPOIL
THRESHOLD
Figure 22. PSM2 Mode Triggering IRQ1 Pin for LPLINE = 2, 50 Hz Systems
PSM3—SLEEP MODE
In this mode, the ADE7878 has most of the internal circuits
turned off and the current consumption is at its lowest level.
The I2C, HSDC, and SPI ports are not functional during this
mode, and the RESET, SCLK/SCL, MOSI/SDA, and SS/HSA
pins should be set high.
POWER-UP PROCEDURE
The ADE7878 contains an on-chip power supply monitor that
supervises the power supply (VDD). At power-up, until VDD
reaches 2 V ± 10%, the chip is in an inactive state. As VDD
crosses this threshold, the power supply monitor keeps the chip
in this inactive state for an additional 26 ms, allowing VDD to
achieve 3.3 V − 10%, the minimum recommended supply
voltage. Because the PM0 and PM1 pins have internal pull-up
resistors and the external microprocessor keeps them high, the
ADE7878 always powers-up in sleep mode (PSM3). Then, an
external circuit (that is, a microprocessor) sets the PM1 pin to a
low level, allowing the ADE7878 to enter normal mode (PSM0).
The passage from PSM3 mode, in which most of the internal
circuitry is turned off, to PSM0 mode, in which all functionality
is enabled, is accomplished in less than 40 ms (see Figure 23 for
details).
When the ADE7878 enters PSM0 mode, the I2C port is the
active serial port. If the SPI port is used, then the SS/HSA pin
must be toggled three times high to low. This action selects the
SPI port for further use. If I2C is the active serial port, Bit 1
(I2C_LOCK) of CONFIG2[7:0] must be set to 1 to lock it in.
From this moment, the ADE7878 ignores spurious toggling of
the SS/HSA pin, and an eventual switch to use the SPI port is no
longer possible. Likewise, if SPI is the active serial port, any write
to the CONFIG2[7:0] register locks the port, at which time a
switch to use the I2C port is no longer possible.
POR TIMER
TURNED ON
ADE7878
POWERED UP
ADE7878
ENTER PSM3
MICROPROCESSOR
SETS ADE7878
IN PSM0
MICROPROCESSOR
MAKES THE
CHOICE BETWEEN
I2C AND SPI
RSTDONE
INTERRUPT
TRIGGERED
40ms
26ms
0V
3.3V – 10%
2.0V ± 10%
ADE7878
PSM0 READY
Figure 23. Power-Up Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com