Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 11Page - Analog Devices ADE7878 Datasheet HTML 12Page - Analog Devices ADE7878 Datasheet HTML 13Page - Analog Devices ADE7878 Datasheet HTML 14Page - Analog Devices ADE7878 Datasheet HTML 15Page - Analog Devices ADE7878 Datasheet HTML 16Page - Analog Devices ADE7878 Datasheet HTML 17Page - Analog Devices ADE7878 Datasheet HTML 18Page - Analog Devices ADE7878 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
ADE7878
Rev. 0 | Page 15 of 92
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.01
0.1
1
10
100
FULL-SCALE CURRENT (%)
VDD = 2.97V
VDD = 3.30V
VDD = 3.63V
Figure 13. Total Reactive Energy Error As Percentage of Reading (Gain = +1)
over Power Supply with Internal Reference and Integrator Off
–0.40
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.60
0.1
1
10
100
FULL-SCALE CURRENT (%)
+25°C, pf = 1.0
–40°C, pf = 1.0
+85°C, pf = 1.0
Figure 14. Total Reactive Energy Error As Percentage of Reading (Gain = +16)
over Temperature with Internal Reference and Integrator On
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
45
47
49
51
53
55
57
59
61
63
65
LINE FREQUENCY (Hz)
pf = –0.5
pf = 1.0
pf = +0.5
Figure 15. Fundamental Active Energy Error As Percentage of Reading
(Gain = +1) over Frequency with Internal Reference and Integrator Off
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.01
0.10
1.00
10.00
100.00
FULL-SCALE CURRENT (%)
Figure 16. CF Fundamental Active Energy Error As a Percentage of Reading
(Gain = +1) with Internal Reference and Integrator Off
–0.30
–0.20
–0.10
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.10
1.00
10.00
100.00
FULL-SCALE CURRENT (%)
+25°C, pf = 1.0
–40°C, pf = 1.0
+85°C, pf = 1.0
Figure 17. Fundamental Active Energy Error As Percentage of Reading
(Gain = +16) over Temperature with Internal Reference and Integrator On
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
45
47
49
51
53
55
57
59
61
63
65
LINE FREQUENCY (Hz)
pf = –0.5
pf = 1.0
pf = +0.5
Figure 18. Fundamental Reactive Energy Error As Percentage of Reading
(Gain = +1) over Frequency with Internal Reference and Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com