Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 59 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 55Page - Analog Devices ADE7878 Datasheet HTML 56Page - Analog Devices ADE7878 Datasheet HTML 57Page - Analog Devices ADE7878 Datasheet HTML 58Page - Analog Devices ADE7878 Datasheet HTML 59Page - Analog Devices ADE7878 Datasheet HTML 60Page - Analog Devices ADE7878 Datasheet HTML 61Page - Analog Devices ADE7878 Datasheet HTML 62Page - Analog Devices ADE7878 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
ADE7878
Rev. 0 | Page 59 of 92
Sign of Sum-of-Phase Powers in the CFx Datapath
The ADE7878 has a sign detection circuitry for the sum of
phase powers that are used in the CFx datapath. As seen in the
beginning of the Energy-to-Frequency Conversion section, the
energy accumulation in the CFx datapath is executed in two
stages. Every time a sign change is detected in the energy
accumulation at the end of the first stage, that is, after the
energy accumulated into the 55-bit accumulator reaches one
of WTHR[47:0], VARTHR[47:0], or VATHR[47:0] thresholds,
a dedicated interrupt may be triggered synchronously with the
corresponding CFx pulse. The sign of each sum can be read in
the PHSIGN[15:0] register.
Bit 18, Bit 13, and Bit 9 (REVPSUM3, REVPSUM2, and
REVPSUM1, respectively) of the STATUS0[31:0] register are set
to 1 when a sign change of the sum of powers in CF3, CF2, or
CF1 datapaths occurs. To correlate these events with the pulses
generated at the CFx pins, after a sign change occurs, Bit
REVPSUM3, Bit REVPSUM2, and Bit REVPSUM1 are set in
the same moment in which a high-to-low transition at the CF3,
CF2, and CF1 pin, respectively, occurs.
Bit 8, Bit 7, and Bit 3 (SUM3SIGN, SUM2SIGN, and
SUM1SIGN, respectively) of the PHSIGN[15:0] register are set
in the same moment with Bit REVPSUM3, Bit REVPSUM2, and
Bit EVPSUM1 and indicate the sign of the sum of phase powers.
When cleared to 0, the sum is positive. When set to 1, the sum
is negative.
Interrupts attached to Bit 18, Bit 13, and Bit 9 (REVPSUM3,
REVPSUM2, and REVPSUM1, respectively) in the STATUS0[31:0]
register can be enabled by setting Bits 18, Bit 13, and Bit 9 in the
MASK0[31:0] register. If enabled, the IRQ0 pin is set low and
the status bit is set to 1 whenever a change of sign occurs. To
find the phase that triggered the interrupt, the PHSIGN[15:0]
register is read immediately after reading the STATUS0[31:0]
register. Next, the status bit is cleared and the IRQ0 pin is set
high again by writing to the STATUS0 register with the
corresponding bit set to 1.
NO LOAD CONDITION
The no load condition is defined in metering equipment
standards as occurring when the voltage is applied to the meter
and no current flows in the current circuit. To eliminate any
creep effects in the meter, the ADE7878 contains three separate
no load detection circuits: one related to the total active and
reactive powers, one related to the fundamental active and
reactive powers, and one related to the apparent powers.
No Load Detection Based On Total Active, Reactive
Powers
This no load condition is triggered when the absolute values of
both phase total active and reactive powers are less than or
equal to positive thresholds indicated in the APNOLOAD[23:0]
and respective VARNOLOAD[23:0] signed 24-bit registers. In
this case, the total active and reactive energies of that phase are
not accumulated, and no CFx pulses are generated based on
these energies. The APNOLOAD[23:0] register represents the
positive no load level of active power relative to PMAX, the
maximum active power obtained when full-scale voltages and
currents are provided at ADC inputs. The VARNOLOAD[23:0]
register represents the positive no load level of reactive power
relative to PMAX. The expression used to compute
APNOLOAD[23:0] signed 24-bit value is
PMAX
I
I
U
U
APNOLOAD
FS
NOLOAD
FS
n
×
×
=
(47)
where:
PMAX = 3,516,139 = 0x1FF6A6B, the instantaneous power
computed when the ADC inputs are at full scale.
UFS, IFS are the rms values of the phase voltages and currents
when the ADC inputs are at full scale.
Un is the nominal rms value of phase voltage.
INOLOAD is the minimum rms value of phase current the meter
starts measuring.
The VARNOLOAD[23:0] register usually contains the same
value as the APNOLOAD[23:0] register. When APNOLOAD
and VARNOLOAD are set to negative values, the no load
detection circuit is disabled.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words, and the DSP works on 28 bits. the
APNOLOAD and VARNOLOAD 24-bit signed registers are
accessed as 32-bit registers with the four MSBs padded with 0s
and sign extended to 28 bits. See Figure 32 for details.
Bit 0 (NLOAD) in the STATUS1[31:0] register is set when this
no load condition in one of the three phases is triggered.
Bits[2:0] (NLPHASE[2:0]) in the PHNOLOAD[15:0] register
indicate the state of all phases relative to a no load condition
and are set simultaneously with Bit NLOAD in the
STATUS1[31:0] register. NLPHASE[0] indicates the state of
Phase A, NLPHASE[1] indicates the state of Phase B, and
NLPHASE[2] indicates the state of Phase C. When Bit
NLPHASE[x] is cleared to 0, it means that the phase is out of a
no load condition. When set to 1, it means that the phase is in a
no load condition.
An interrupt attached to Bit 0 (NLOAD) in the STATUS1[31:0]
register can be enabled by setting Bit 0 in the MASK1[31:0]
register. If enabled, the IRQ1 pin is set to low and the status bit
is set to 1 whenever one of three phases enters or exits this no
load condition. To find the phase that triggered the interrupt,
the PHNOLOAD[15:0] register is read immediately after
reading the STATUS1[31:0] register. Then, the status bit is
cleared and the IRQ1 pin is set to high by writing to the
STATUS1 register with the corresponding bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com