Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 23Page - Analog Devices ADE7878 Datasheet HTML 24Page - Analog Devices ADE7878 Datasheet HTML 25Page - Analog Devices ADE7878 Datasheet HTML 26Page - Analog Devices ADE7878 Datasheet HTML 27Page - Analog Devices ADE7878 Datasheet HTML 28Page - Analog Devices ADE7878 Datasheet HTML 29Page - Analog Devices ADE7878 Datasheet HTML 30Page - Analog Devices ADE7878 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
ADE7878
Rev. 0 | Page 27 of 92
Current Channel Sampling
The waveform samples of the current channel are taken at the
output of HPF and stored into the IAWV, IBWV, ICWV, and
INWV 24-bit signed registers at a rate of 8 kSPS. All power and
rms calculations remain uninterrupted during this process.
Bit 17 (DREADY) in the STATUS0[31:0] register is set when the
IAWV, IBWV, ICWV, and INWV registers are available to be
read using the I2C or SPI serial port. Setting Bit 17 (DREADY)
in the MASK0[31:0] register enables an interrupt to be set when
the DREADY flag is set. See the Digital Signal Processor section
for more details on Bit DREADY.
As previously stated, the serial ports of the ADE7878 work on
32-, 16-, or 8-bit words. When the IAWV, IBWV, ICWV, and
INWV 24-bit signed registers are read from the ADE7878, they
are transmitted sign extended to 32 bits. See Figure 34 for
details.
31
24 23 22
0
24-BIT SIGNED NUMBER
BITS[31:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 34. 24-Bit IxWV Register Transmitted as 32-Bit Signed Word
The ADE7878 contains a high speed data capture (HSDC) port
that is specially designed to provide fast access to the waveform
sample registers. See the HSDC Interface section for more details.
di/dt CURENT SENSOR AND DIGITAL INTEGRATOR
The di/dt sensor detects changes in the magnetic field caused by
the ac current. Figure 35 shows the principle of a di/dt current
sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 35. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a conductor
loop generate an electromotive force (EMF) between the two
ends of the loop. The EMF is a voltage signal that is propor-
tional to the di/dt of the current. The voltage output from the
di/dt current sensor is determined by the mutual inductance
between the current carrying conductor and the di/dt sensor.
Due to the di/dt sensor, the current signal needs to be filtered
before it can be used for power measurement. On each phase and
neutral current datapath, there is a built-in digital integrator to
recover the current signal from the di/dt sensor. The digital inte-
grator is disabled by default when the ADE7878 is powered up
and after reset. Setting Bit 0 (INTEN) of the CONFIG[15:0]
register turns on the integrator. Figure 36 and Figure 37 show
the magnitude and phase response of the digital integrator.
Note that the integrator has a −20 dB/dec attenuation and
approximately −90° phase shift. When combined with a di/dt
sensor, the resulting magnitude and phase response should be a
flat gain over the frequency band of interest. However, the di/dt
sensor has a 20 dB/dec gain associated with it and generates sig-
nificant high frequency noise. An antialiasing filter of at least
the second order is needed to avoid noise aliasing back in the
band of interest when the ADC is sampling (see the Antialiasing
Filter section).
50
0
–50
–100
–50
0
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Figure 36. Combined Gain and Phase Response of the
Digital Integrator
The DICOEFF[23:0] 24-bit signed register is used in the digital
integrator algorithm. At power-up or after a reset, its value is
0x000000. Before turning on the integrator, this register must be
initialized with 0xFF8000. DICOEFF[23:0] is not used when the
integrator is turned off and can remain at 0x000000 in that case.
–30
–15
–20
–25
–89.96
–89.97
–89.98
–89.99
30
35
40
45
50
55
60
65
70
FREQUENCY (Hz)
30
35
40
45
50
55
60
65
70
FREQUENCY (Hz)
Figure 37. Combined Gain and Phase Response of the
Digital Integrator (40 Hz to 70 Hz)
As previously stated, the serial ports of the ADE7878 work on 32-,
16-, or 8-bit words. Similar to the registers shown in Figure 32, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com