Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 53Page - Analog Devices ADE7878 Datasheet HTML 54Page - Analog Devices ADE7878 Datasheet HTML 55Page - Analog Devices ADE7878 Datasheet HTML 56Page - Analog Devices ADE7878 Datasheet HTML 57Page - Analog Devices ADE7878 Datasheet HTML 58Page - Analog Devices ADE7878 Datasheet HTML 59Page - Analog Devices ADE7878 Datasheet HTML 60Page - Analog Devices ADE7878 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
ADE7878
Rev. 0 | Page 57 of 92
The derivative of wh must be chosen in such a way to obtain a
CFxDEN register content greater than 1. If CFxDEN = 1, then
the CFx pin stays active low for only 1 μs; therefore, avoid this
number. The frequency converter cannot accommodate fractional
results; the result of the division must be rounded to the nearest
integer. If CFxDEN is set equal to 0, then the ADE7878 considers it
to be equal to 1.
The pulse output for all digital-to-frequency converters stays
low for 80 ms if the pulse period is larger than 160 ms (6.25
Hz). If the pulse period is smaller than 160 ms and CFxDEN is
an even number, the duty cycle of the pulse output is exactly
50%. If the pulse period is smaller than 160 ms and CFxDEN is
an odd number, the duty cycle of the pulse output is
(1+1/CFxDEN) × 50%
The pulse output is active low and preferably connected to an
LED, as shown in Figure 70.
Bits[11:9] (CF3DIS, CF2DIS, and CF1DIS) of the
CFMODE[15:0] register decide if the frequency converter
output is generated at the CF3, CF2, or CF1 pin. When
Bit CFxDIS is set to 1 (the default value), the CFx pin is disabled
and the pin stays high. When Bit CFxDIS is cleared to 0, the
correspondent CFx pin output generates an active low signal.
Bits[16:14] (CF3, CF2, CF1) in the Interrupt Mask Register
MASK0[31:0] manage the CF3, CF2, and CF1 related
interrupts. When the CFx bits are set (whenever a high to low
transition at the corresponding frequency converter output
occurs), an interrupt IRQ0 is triggered and a status bit in the
STATUS0[31:0] register is set to 1. The interrupt is available
even if the CFx output is not enabled by the CFxDIS bits in the
CFMODE[15:0] register.
VDD
CFx PIN
Figure 70. CFx Pin Recommended Connection
Synchronizing Energy Registers with CFx Outputs
The ADE7878 contains a feature that allows synchronizing the
content of phase energy accumulation registers with the
generation of a CFx pulse. When a high-to-low transition at one
frequency converter output occurs, the content of all internal
phase energy registers that relate to the power being output at
CFx pin is latched into hour registers and then resets to 0. See
Table 21 for the list of registers that are latched based on the
CFxSEL[2:0] bits in the CFMODE[15:0] register. All 3-phase
registers are latched independent of the TERMSELx bits of the
COMPMODE[15:0] register. The process is shown in Figure 71
for CF1SEL[2:0] = 010 (apparent powers contribute at the CF1
pin) and CFCYC = 2.
The CFCYC[7:0] 8-bit unsigned register contains the number of
high-to-low transitions at the frequency converter output
between two consecutive latches. Writing a new value into the
CFCYC[7:0] register during a high-to-low transition at any CFx
pin should be avoided.
CFCYC = 2
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
AVAHR, BVAHR,
CVAHR LATCHED
ENERGY REGISTERS
RESET
CF1 PULSE
BASED ON
PHASE A AND
PHASE B
APPARENT
POWERS
Figure 71. Synchronizing AVAHR and BVAHR with CF1
Bits[14:12] (CF3LATCH, CF2LATCH and CF1LATCH) of the
CFMODE[15:0] register enable this process when set to 1.
When cleared to 0, the default state, no latch occurs. The
process is available even if the CFx output is not enabled by the
CFxDIS bits in the CFMODE[15:0] register.
CF Outputs for Various Accumulation Modes
Bits[1:0] (WATTACC[1:0]) in the ACCMODE[7:0] register
determine the accumulation modes of the total active and
fundamental powers when signals proportional to the active
powers are chosen at the CFx pins (Bit CFxSEL[2:0] in the
CFMODE[15:0] register equals 000 or 011). When
WATTACC[1:0] = 00 (the default value), the active powers are
sign accumulated before entering the energy-to-frequency
converter. Figure 72 shows how signed active power
accumulation works. Note that in this mode, the CFx pulses are
synchronized perfectly with the active energy accumulated in
xWATTHR registers because the powers are sign accumulated
in both datapaths.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO-LOAD
THRESHOLD
ACTIVE POWER
NO-LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 72. Active Power Signed Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com