Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 79Page - Analog Devices ADE7878 Datasheet HTML 80Page - Analog Devices ADE7878 Datasheet HTML 81Page - Analog Devices ADE7878 Datasheet HTML 82Page - Analog Devices ADE7878 Datasheet HTML 83Page - Analog Devices ADE7878 Datasheet HTML 84Page - Analog Devices ADE7878 Datasheet HTML 85Page - Analog Devices ADE7878 Datasheet HTML 86Page - Analog Devices ADE7878 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
ADE7878
Rev. 0| Page 83 of 92
Bit
Location
Bit Name
Default
Value
Description
7
TERMSEL3[1]
1
Phase B is included in the CF3 outputs calculations.
8
TERMSEL3[2]
1
Phase C is included in the CF3 outputs calculations.
10:9
ANGLESEL[1:0]
00
00: the angles between phase voltages and phase currents are measured.
01: the angles between phase voltages are measured.
10: the angles between phase currents are measured.
11: no angles are measured.
11
VNOMAEN
0
When this bit is 0, the apparent power on Phase A is computed regularly.
When this bit is 1, the apparent power on Phase A is computed using the VNOM[23:0] register
instead of the regular measured rms phase voltage.
12
VNOMBEN
0
When this bit is 0, the apparent power on Phase B is computed regularly.
When this bit is 1, the apparent power on Phase B is computed using the VNOM[23:0] register
instead of the regular measured rms phase voltage.
13
VNOMCEN
0
When this bit is 0, the apparent power on Phase C is computed regularly.
When this bit is 1, the apparent power on Phase C is computed using the VNOM[23:0] register
instead of the regular measured rms phase voltage.
14
SELFREQ
0
When the ADE7878 is connected to 50 Hz networks, this bit should be cleared to 0 (default
value). When the ADE7878 is connected to 60 Hz networks, this bit should be set to 1.
15
Reserved
0
This bit is 0 by default, and it does not manage any functionality.
Table 38. GAIN Register (Address 0xE60F)
Bit
Bit Name
Default Value
Description
2:0
PGA1[2:0]
000
Phase currents gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved. When set, the ADE7878 behaves like PGA1[2:0] = 000.
5:3
ReservedPGA2[2:0]
000
Neutral current gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved. When set, the ADE7878 behaves like PGA2[2:0] = 000.
8:6
PGA3[2:0]
000
Phase voltages gain selection.
000: gain = 1.
001: gain = 2.
010: gain = 4.
011: gain = 8.
100: gain = 16.
101, 110, 111: reserved. When set, the ADE7878 behaves like PGA3[2:0] = 000.
15:9
Reserved
000 0000
Reserved. These bits do not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com