Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 25Page - Analog Devices ADE7878 Datasheet HTML 26Page - Analog Devices ADE7878 Datasheet HTML 27Page - Analog Devices ADE7878 Datasheet HTML 28Page - Analog Devices ADE7878 Datasheet HTML 29Page - Analog Devices ADE7878 Datasheet HTML 30Page - Analog Devices ADE7878 Datasheet HTML 31Page - Analog Devices ADE7878 Datasheet HTML 32Page - Analog Devices ADE7878 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
ADE7878
Rev. 0 | Page 29 of 92
AVGAIN[23:0]
REFERENCE
HPFDIS
[23:0]
DSP
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
VOLTAGE PEAK,
OVERVOLTAGE,
SAG DETECT
VAWV WAVEFORM
SAMPLE REGISTER
CURRENT RMS (VRMS)
CALCULATION
HPF
ADC
PGA3
VAP
ZX DETECTION
PGA3 BITS
GAIN[8:6]
×1, ×2, ×4, ×8, ×16
VIN
VIN
VN
ANALOG INPUT RANGE
ANALOG OUTPUT RANGE
0x5A7540 =
+5,928,256
ZX SIGNAL
DATA RANGE
0V
0xA58AC0 =
–5,928,256
0x5A7540 =
+5,928,256
VOLTAGE CHANNEL
DATA RANGE
0V
0xA58AC0 =
–5,928,256
+0.5V/GAIN
–0.5V/GAIN
0V
LPF1
Figure 38. Voltage Channel Datapath
CHANGING PHASE VOLTAGE DATAPATH
The ADE7878 can direct one phase voltage input to the computa-
tional datapath of another phase. For example, Phase A voltage can
be introduced in the Phase B computational datapath, which
means all powers computed by the ADE7878 in Phase B are based
on Phase A voltage and Phase B current.
Bits[9:8] (VTOIA[1:0]) of the CONFIG[15:0] register manage
the Phase A voltage measured at the VA pin. If VTOIA[1:0] = 00
(default value), the voltage is directed to the Phase A computa-
tional datapath, if VTOIA[1:0] = 01, the voltage is directed to
the Phase B path, and if VTOIA[1:0] = 10, the voltage is directed
to the Phase C path. If VTOIA[1:0] = 11, the ADE7878 behaves
as if VTOIA[1:0] = 00.
Bits[11:10] (VTOIB[1:0]) of the CONFIG[15:0] register manage
the Phase B voltage measured at the VB pin. If VTOIB[1:0] = 00
(default value), the voltage is directed to the Phase B computa-
tional datapath, if VTOIB[1:0] = 01, the voltage is directed to
the Phase C path, and if VTOIB[1:0] = 10, the voltage is directed to
the Phase A path. If VTOIB[1:0] = 11, the ADE7878 behaves as
if VTOIB[1:0] = 00.
Bits[3:12] (VTOIC[1:0]) of the CONFIG[15:0] register manage
the Phase C voltage measured at the VC pin. If VTOIC[1:0] = 00
(default value), the voltage is directed to Phase C computational
datapath, if VTOIC[1:0] = 01, the voltage is directed to the
Phase A path, and if VTOIC[1:0] = 10, the voltage is directed to
the Phase B path. If VTOIC[1:0] = 11, the ADE7878 behaves as
if VTOIC[1:0] = 00.
IA
VA
IB
VB
IC
VC
PHASE A
COMPUTATIONAL
DATA PATH
PHASE B
COMPUTATIONAL
DATA PATH
PHASE C
COMPUTATIONAL
DATA PATH
VTOIA[1:0] = 01,
PHASE A VOLTAGE
DIRECTED
TO PHASE B
VTOIB[1:0] = 01,
PHASE B VOLTAGE
DIRECTED
TO PHASE C
VTOIC[1:0] = 01,
PHASE C VOLTAGE
DIRECTED
TO PHASE A
CPHCAL
BPHCAL
APHCAL
Figure 39. Phase Voltages Used in Different Datapaths
Figure 39 presents the case in which Phase A voltage is used in
the Phase B datapath, Phase B voltage is used in the Phase C
datapath, and Phase C voltage is used in the Phase A datapath.
POWER QUALITY MEASUREMENTS
Zero-Crossing Detection
The ADE7878 has a zero-crossing (ZX) detection circuit on the
phase current and voltage channels. The neutral current
datapath does not contain a zero-crossing detection circuit.
Zero-crossing events are used as a time base for various power
quality measurements and in the calibration process.
A zero crossing is generated from the output of LPF1. The low-
pass filter is intended to eliminate all harmonics of 50 Hz and
60 Hz systems and help identify the zero-crossing events on the
fundamental components of both current and voltage channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com