Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 38Page - Analog Devices ADE7878 Datasheet HTML 39Page - Analog Devices ADE7878 Datasheet HTML 40Page - Analog Devices ADE7878 Datasheet HTML 41Page - Analog Devices ADE7878 Datasheet HTML 42Page - Analog Devices ADE7878 Datasheet HTML 43Page - Analog Devices ADE7878 Datasheet HTML 44Page - Analog Devices ADE7878 Datasheet HTML 45Page - Analog Devices ADE7878 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
ADE7878
Rev. 0 | Page 42 of 92
AVGAIN
HPFDIS
[23:0]
HPF
LPF
AIGAIN
HPFDIS
[23:0]
DIGITAL
INTEGRATOR
HPF
VA
IA
AWGAIN
AWATTOS
APHCAL
INSTANTANEOUS
PHASE A ACTIVE
POWER
DIGITAL SIGNAL PROCESSOR
Figure 58. Total Active Power Datapath
If the phase currents and voltages contain only the fundamental
component, are in phase (that is φ1 = γ1 = 0) and correspond to
full-scale ADC inputs, then multiplying them results in an
instantaneous power signal that has a dc component, V1 × I1,
and a sinusoidal component, V1 × I1 cos(2ωt). Figure 59 shows
the corresponding waveforms.
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER
SIGNAL: Vrms × Irms
p(t)= Vrms × Irms – Vrms × Irms × cos(2ωt)
0x3FED4D6
67,032,278
Vrms × Irms
0x1FF6A6B =
33,516,139
0x000 0000
i(t) = √2 × Irms × sin(ωt)
v(t) = √2× Vrms × sin(ωt)
Figure 59. Active Power Calculation
Because LPF2 does not have an ideal brick wall frequency
response (see Figure 60), the active power signal has some
ripple due to the instantaneous power signal. This ripple is
sinusoidal and has a frequency equal to twice the line
frequency. Because the ripple is sinusoidal in nature, it is
removed when the active power signal is integrated over
time to calculate the energy.
0
–5
–10
–15
–20
–25
0.1
13
FREQUENCY (Hz)
10
Figure 60. Frequency Response of the LPF Used
to Filter Instantaneous Power in Each Phase
The ADE7878 stores the instantaneous total phase active
powers into the AWATT[23:0], BWATT[23:0], and
CWATT[23:0] registers. Their expression is
∑
∞
=
×
×
=
1
k
FS
k
FS
k
I
I
U
U
xWATT
cos(φk – γk) × PMAX ×
4
2
1
(20)
where:
UFS, IFS are the rms values of the phase voltage and current when
the ADC inputs are at full scale.
PMAX = 33,516,139; it is the instantaneous power computed
when the ADC inputs are at full scale and in phase.
The xWATT[23:0] waveform registers can be accessed using
various serial ports. Refer to the Waveform Sampling Mode
section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com