Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 7 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 3Page - Analog Devices ADE7878 Datasheet HTML 4Page - Analog Devices ADE7878 Datasheet HTML 5Page - Analog Devices ADE7878 Datasheet HTML 6Page - Analog Devices ADE7878 Datasheet HTML 7Page - Analog Devices ADE7878 Datasheet HTML 8Page - Analog Devices ADE7878 Datasheet HTML 9Page - Analog Devices ADE7878 Datasheet HTML 10Page - Analog Devices ADE7878 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
ADE7878
Rev. 0 | Page 7 of 92
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
CLKIN
All specifications CLKIN of 16.384 MHz
Input Clock Frequency
16.384
MHz
Crystal Equivalent Series Resistance
30
50
CLKIN Input Capacitance
20
pF
CLKOUT Output Capacitance
20
pF
LOGIC INPUTS—MOSI/SDA, SCLK/SCL,
CLKIN, SS, RESET, PM0, AND PM1
Input High Voltage, VINH
2.0
V
VDD = 3.3 V ± 10%
Input Low Voltage, VINL
0.8
V
VDD = 3.3 V ± 10%
Input Current, IIN
−7.5
μA
Input = 0 V, VDD = 3.3 V
3
μA
Input = VDD = 3.3 V
100
nA
Input = VDD = 3.3 V
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—IRQ0, IRQ1, MISO/HSD,
AND CLKOUT
DVDD = 3.3 V ± 10%
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 10%
ISOURCE
800
μA
Output Low Voltage, VOL
0.4
V
VDD = 3.3 V ± 10%
ISINK
2
mA
CF1, CF2, CF3/HSCLK
Output High Voltage, VOH
2.4
V
VDD = 3.3 V ± 10%
ISOURCE
500
μA
Output Low Voltage, VOL
0.4
V
VDD = 3.3 V ± 10%
ISINK
2
mA
POWER SUPPLY
For specified performance
PSM0 Mode
VDD Pin
3.0
3.6
V
Minimum = 3.3 V − 10%; maximum = 3.3 V +
10%
IDD
22
24.29
mA
PSM1 and PSM2 Modes
VDD Pin
2.4
3.7
V
IDD
PSM1 Mode
4.85
5.61
mA
PSM2 Mode
0.2
0.259
mA
PSM3 Mode
For specified performance
VDD Pin
2.4
3.7
V
IDD in PSM3 Mode
1.62
μA
1 See the Typical Performance Characteristics section.
2 See the Terminology section for a definition of the parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com