Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 72 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 68Page - Analog Devices ADE7878 Datasheet HTML 69Page - Analog Devices ADE7878 Datasheet HTML 70Page - Analog Devices ADE7878 Datasheet HTML 71Page - Analog Devices ADE7878 Datasheet HTML 72Page - Analog Devices ADE7878 Datasheet HTML 73Page - Analog Devices ADE7878 Datasheet HTML 74Page - Analog Devices ADE7878 Datasheet HTML 75Page - Analog Devices ADE7878 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
ADE7878
Rev. 0 | Page 72 of 92
Address
Register
Name
R/W1
Bit Length
Bit Length During
Communication2
Type 3
Default
Value
Description
0x43AA
VATHR0
R/W
24
32 ZP
U
0x000000
Less significant
24 bits of
VATHR[47:0]
threshold used in
phase apparent
power datapath.
0x43AB
WTHR1
R/W
24
32 ZP
U
0x000000
Most significant
24 bits of
WTHR[47:0]
threshold used in
phase
total/fundamental
active power
datapath.
0x43AC
WTHR0
R/W
24
32 ZP
U
0x000000
Less significant
24 bits of
WTHR[47:0]
threshold used in
phase
total/fundamental
active power
datapath.
0x43AD
VARTHR1
R/W
24
32 ZP
U
0x000000
Most significant 24
bits of VARTHR[47:0]
threshold used in
phase total/
fundamental reactive
power datapath.
0x43AE
VARTHR0
R/W
24
32 ZP
U
0x000000
Less significant
24 bits of
VARTHR[47:0]
threshold used in
phase
total/fundamental
reactive power
datapath.
0x43AF
Reserved
N/A4
N/A4
N/A4
N/A4
0x000000
This memory
location should be
kept at 0x000000 for
proper operation.
0x43B0
VANOLOAD
R/W
24
32 ZPSE
S
0x0000000
No load threshold in
the apparent power
datapath.
0x43B1
APNOLOAD
R/W
24
32 ZPSE
S
0x0000000
No load threshold in
the total/fundamental
active power
datapath.
0x43B2
VARNOLOAD
R/W
24
32 ZPSE
S
0x0000000
No load threshold in
the total/fundamental
reactive power
datapath.
0x43B3
VLEVEL
R/W
24
32 ZPSE
S
0x000000
Register used in the
algorithm that
computes the
fundamental active
and reactive powers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com