Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 1 Page - Analog Devices

  ADE7878 Datasheet HTML 1Page - Analog Devices ADE7878 Datasheet HTML 2Page - Analog Devices ADE7878 Datasheet HTML 3Page - Analog Devices ADE7878 Datasheet HTML 4Page - Analog Devices ADE7878 Datasheet HTML 5Page - Analog Devices ADE7878 Datasheet HTML 6Page - Analog Devices ADE7878 Datasheet HTML 7Page - Analog Devices ADE7878 Datasheet HTML 8Page - Analog Devices ADE7878 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Polyphase Multifunction Energy Metering IC
with per Phase Active and Reactive Powers
ADE7878
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Highly accurate; supports EN 50470-1, EN 50470-3,
IEC 62053-21, IEC 62053-22, and IEC 62053-23 standards
Compatible with 3-phase, 3- or 4-wire (delta or wye), and
other 3-phase services
Supplies total (fundamental and harmonic) active/reactive/
apparent energy and fundamental active/reactive energy
on each phase and on the overall system
Less than 0.1% error in active and reactive energy over a
dynamic range of 1000 to 1 at TA = 25°C
Less than 0.2% error in active and reactive energy over a
dynamic range of 3000 to 1 at TA = 25°C
Supports current transformer and di/dt current sensors
Dedicated ADC channel for neutral current input
Less than 0.1% error in voltage and current rms over a
dynamic range of 1000 to 1 at TA = 25°C
Supplies sampled waveform data on all three phases and on
neutral current
Selectable no load threshold levels for total and
fundamental active and reactive powers, as well as for
apparent powers
Low power battery mode monitors phase currents for
antitampering detection
Battery supply input for missing neutral operation
Phase angle measurements in both current and voltage
channels with a typical 0.3° error
Wide-supply voltage operation: 2.4 V to 3.7 V
Reference: 1.2 V (drift 10 ppm/°C typical) with external
overdrive capability
Single 3.3 V supply
40-lead lead frame chip scale package (LFCSP), Pb-free
Operating temperature: −40° to +85°C
Flexible I2C, SPI, and HSDC serial interfaces
APPLICATIONS
Energy metering systems
GENERAL DESCRIPTION
The ADE78781 is a high accuracy, 3-phase electrical energy
measurement IC with serial interfaces and three flexible pulse
outputs. The ADE7878 incorporates second-order sigma-delta
(Σ-Δ) analog-to-digital converters (ADCs), a digital integrator,
reference circuitry, and all the signal processing required to
perform total (fundamental and harmonic) active, reactive, and
apparent energy measurement and rms calculations, as well as
fundamental only active and reactive energy measurement and
rms calculations. A fixed function digital signal processor (DSP)
executes this signal processing. The DSP program is stored into
internal ROM memory.
The ADE7878 is suitable for measuring active, reactive, and
apparent energy in various 3-phase configurations, such as wye
or delta services, with both three and four wires. The ADE7878
provides system calibration features for each phase, that is, rms
offset correction, phase calibration, and gain calibration. The
CF1, CF2, and CF3 logic outputs provide a wide choice of
power information: total active, reactive, and apparent powers,
or the sum of the current rms values, and fundamental active
and reactive powers.
The ADE7878 contains waveform sample registers that allow
access to all ADC outputs. The device also incorporates power
quality measurements, such as short duration low or high
voltage detections, short duration high current variations, line
voltage period measurement, and angles between phase voltages
and currents. Two serial interfaces, SPI and I2C, can be used to
communicate with the ADE7878. A dedicated high speed
interface, the high speed data capture (HSDC) port, can be used
in conjunction with I2C to provide access to the ADC outputs
and real-time power information. The ADE7878 also has two
interrupt request pins, IRQ0 and IRQ1, to indicate that an
enabled interrupt event has occurred. For the ADE7878, three
specially designed low power modes ensure the continuity of
energy accumulation when the ADE7878 is in a tampering
situation.
The ADE7878 is available in a 40-lead LFCSP, Pb-free package.
1 U.S. patents pending.


Similar Part No. - ADE7878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7816 AD-ADE7816 Datasheet
677Kb / 48P
Six Current Channels, One Voltage Channel
REV. 0
ADE7816ACPZ AD-ADE7816ACPZ Datasheet
677Kb / 48P
Six Current Channels, One Voltage Channel
REV. 0
ADE7816ACPZ-RL AD-ADE7816ACPZ-RL Datasheet
677Kb / 48P
Six Current Channels, One Voltage Channel
REV. 0
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7858ACPZ AD-ADE7858ACPZ Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
More results

Similar Description - ADE7878

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7754 AD-ADE7754_15 Datasheet
530Kb / 44P
Polyphase Multifunction Energy Metering IC with Serial Port
REV. 0
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com