Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 40Page - Analog Devices ADE7878 Datasheet HTML 41Page - Analog Devices ADE7878 Datasheet HTML 42Page - Analog Devices ADE7878 Datasheet HTML 43Page - Analog Devices ADE7878 Datasheet HTML 44Page - Analog Devices ADE7878 Datasheet HTML 45Page - Analog Devices ADE7878 Datasheet HTML 46Page - Analog Devices ADE7878 Datasheet HTML 47Page - Analog Devices ADE7878 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
ADE7878
Rev. 0 | Page 44 of 92
dt
dEnergy
Power =
(23)
Bits[8:6] (REVAPC, REVAPB, and REVAPA, respectively) in the
STATUS0[31:0] register are set when a sign change occurs in the
power selected by Bit 6 (REVAPSEL) in the ACCMODE[7:0]
register.
Conversely, energy is given as the integral of power, as follows:
()dt
t
p
Energy
∫
=
(24)
Bits[2:0] (CWSIGN, BWSIGN, and AWSIGN, respectively) in
the PHSIGN[15:0] register are set simultaneously with the
REVAPC, REVAPB, and REVAPA bits. They indicate the sign of
the power. When they are 0, the corresponding power is positive.
When they are 1, the corresponding power is negative.
Total and fundamental active energy accumulations are always
signed operations. Negative energy is subtracted from the active
energy contents.
The ADE7878 achieves the integration of the active power
signal in two stages (see Figure 61). The process is identical for
both total and fundamental active powers. The first stage is
accomplished inside the DSP: every 125 μs (8 kHz frequency),
the instantaneous phase total or fundamental active power is
accumulated into an internal register. When a threshold is
reached, a pulse is generated at the processor port and the
threshold is subtracted from the internal register. The sign of
the energy in this moment is considered the sign of the active
power (see Sign of Active Power Calculation section for details).
The second stage is done outside the DSP and consists of
accumulating the pulses generated by the processor into internal
32-bit accumulation registers. The content of these registers is
transferred to the watt-hour registers, xWATTHR[31:0] and
xFWATTHR[31:0], when these registers are accessed.
Bit REVAPx of the STATUS0[31:0] register and Bit xWSIGN in the
PHSIGN[15:0] register refer to the total active power of Phase x,
the power type being selected by Bit 6 (REVAPSEL) in the
ACCMODE[7:0] register.
Interrupts attached to Bits[8:6] (REVAPC, REVAPB, and
REVAPA, respectively) in the STATUS0[31:0] register can be
enabled by setting Bits[8:6] in the MASK0[31:0] register. If
enabled, the IRQ0 pin is set low and the status bit is set to 1
whenever a change of sign occurs. To find the phase that
triggered the interrupt, the PHSIGN[15:0] register is read
immediately after reading the STATUS0[31:0] register. Next, the
status bit is cleared and the IRQ0 pin is returned to high by writing
to the STATUS0 register with the corresponding bit set to 1.
Active Energy Calculation
As previously stated, power is defined as the rate of energy flow.
This relationship can be expressed mathematically as
AVGAIN
HPFDIS
[23:0]
HPF
AIGAIN
HPFDIS
[23:0]
DIGITAL
INTEGRATOR
REVAPA BIT IN
STATUS0[31:0]
HPF
VA
IA
AWGAIN
AWATTOS
APHCAL
ACCUMULATOR
WTHR[47:0]
AWATTHR[31:0]
32-BIT
REGISTER
LPF2
DIGITAL SIGNAL PROCESSOR
Figure 61. Total Active Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com