Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 47Page - Analog Devices ADE7878 Datasheet HTML 48Page - Analog Devices ADE7878 Datasheet HTML 49Page - Analog Devices ADE7878 Datasheet HTML 50Page - Analog Devices ADE7878 Datasheet HTML 51Page - Analog Devices ADE7878 Datasheet HTML 52Page - Analog Devices ADE7878 Datasheet HTML 53Page - Analog Devices ADE7878 Datasheet HTML 54Page - Analog Devices ADE7878 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
ADE7878
Rev. 0 | Page 51 of 92
Integration Time Under a Steady Load
The discrete time sample period (T) for the accumulation
register is 125 μs (8 kHz frequency). With full-scale pure
sinusoidal signals on the analog inputs and a 90° phase
difference between the voltage and the current signal (the
largest possible reactive power), the average word value
representing the reactive power is PMAX = 33,516,139 =
0x1FF6A6B. If the VARTHR[47:0] threshold is set at the PMAX
level, this means that the DSP generates a pulse that is added at
the var-hour registers every 125 μs.
The maximum value that can be stored in the var-hour accumu-
lation register before it overflows is 231 − 1 or 0x7FFFFFFF. The
integration time is calculated as
Time = 0x7FFF,FFFF × 125 μs = 74 hr 33 min 55 sec
(38)
Energy Accumulation Modes
The reactive power accumulated in each var-hour accumulation
32-bit register (AVARHR, BVARHR, CVARHR, AFVARHR,
BFVARHR, and CFVARHR) depends on the configuration of
Bits[5:4] (CONSEL) in the ACCPMODE[7:0] register, in
correlation with the watt-hour registers. The different
configurations are described in Table 18. Note that IA’/IB’/IC’
are the phase-shifted current waveforms.
Table 18. Inputs to Var-Hour Accumulation Registers
CONSEL[1,0]
AVARHR,
AFVARHR
BVARHR,
BFVARHR
CVARHR,
CFVARHR
00
VA × IA’
VB × IB’
VC × IC’
01
VA × IA’
0
VC × IC’
10
VA × IA’
VB × IB’
VC x IC’
VB = −VA − VC
11
VA × IA’
VB × IB’
VC × IC’
VB = −VA
Bits[3:2] (VARACC[1:0]) in the ACCMODE[7:0] register
determine how CF frequency output can be a generated
function of the total active and fundamental powers. While the
var-hour accumulation registers accumulate the reactive power
in a signed format, the frequency output may be generated in
either the signed mode or the sign adjusted mode function of
VARACC[1:0]. See the Energy-to-Frequency Conversion
section for details.
Line Cycle Reactive Energy Accumulation Mode
As mentioned in the Line Cycle Active Energy Accumulation
Mode section, in-line cycle energy accumulation mode, the
energy accumulation can be synchronized to the voltage
channel zero crossings so that reactive energy can be
accumulated over an
integral number of half-line cycles. In this mode, the ADE7878
transfers the reactive energy accumulated in the 32-bit internal
accumulation registers into the xVARHR[31:0] or xFVAR[31:0]
register after an integral number of line cycles, as shown in
Figure 66. The number of half-line cycles is specified in the
LINECYC[15:0] register.
The line cycle reactive energy accumulation mode is activated
by setting Bit 1 (LVAR) in the LCYCMODE[7:0] register. The
total reactive energy accumulated over an integer number of
half-line cycles or zero crossings is accumulated in the var-hour
accumulation registers after the number of zero crossings
specified in the LINECYC register is detected. When using the
line cycle accumulation mode, Bit 6 (RSTREAD) of the
LCYCMODE[7:0] register should be set to Logic 0 because a
read with the reset of var-hour registers is not available in this
mode.
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
AVARHR[31:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
OUTPUT
FROM
TOTAL
REACTIVE
POWER
ALGORITHM
AVARGAIN
AVAROS
ACCUMULATOR
32-BIT
REGISTER
VARHR[47:0]
Figure 66. Line Cycle Reactive Energy Accumulation Mode
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half-line cycles by
setting Bits[5:3] (ZXSEL) in the LCYCMODE[7:0] register. Any
combination of the zero crossings from all three phases can be
used for counting the zero crossing. Select only one phase at a
time for inclusion in the zero-crossings count during calibration.
For details on setting the LINECYC[15:0] register and Bit 5
(LENERGY) in the MASK0 interrupt mask register associated
with the line cycle accumulation mode, see the Line Cycle
Active Energy Accumulation Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com