Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 5 Page - Analog Devices

  ADE7878 Datasheet HTML 1Page - Analog Devices ADE7878 Datasheet HTML 2Page - Analog Devices ADE7878 Datasheet HTML 3Page - Analog Devices ADE7878 Datasheet HTML 4Page - Analog Devices ADE7878 Datasheet HTML 5Page - Analog Devices ADE7878 Datasheet HTML 6Page - Analog Devices ADE7878 Datasheet HTML 7Page - Analog Devices ADE7878 Datasheet HTML 8Page - Analog Devices ADE7878 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
ADE7878
Rev. 0 | Page 5 of 92
SPECIFICATIONS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C.
Table 1.
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY
Active Energy Measurement
Active Energy Measurement Error
(per Phase)
Total Active Power
0.1
%
Over a dynamic range of 1000 to 1, PGA = 1, 2, 4;
integrator off
0.2
%
Over a dynamic range of 3000 to 1, PGA = 1, 2, 4;
integrator off
0.1
%
Over a dynamic range of 500 to 1, PGA = 8, 16;
integrator on
Fundamental Active Power
0.1
%
Over a dynamic range of 1000 to 1, PGA = 1, 2, 4;
integrator off
0.2
%
Over a dynamic range of 3000 to 1, PGA = 1, 2, 4;
integrator off
0.1
%
Over a dynamic range of 500 to 1, PGA = 8, 16;
integrator on
Phase Error Between Channels
Line frequency = 45 Hz to 65 Hz, HPF on
PF = 0.8 Capacitive
±0.05
Degrees
Phase lead 37°
PF = 0.5 Inductive
±0.05
Degrees
Phase lag 60°
AC Power Supply Rejection
VDD = 3.3 V + 120 mV rms/120 Hz, IPx = VPx =
± 100 mV rms
Output Frequency Variation
0.01
%
DC Power Supply Rejection
VDD = 3.3 V ± 330 mV dc
Output Frequency Variation
0.01
%
Total Active Energy Measurement
Bandwidth
2
kHz
REACTIVE ENERGY MEASUREMENT
Reactive Energy Measurement Error
(per Phase)
Total Active Power
0.1
%
Over a dynamic range of 1000 to 1, PGA = 1, 2, 4;
integrator off
0.2
%
Over a dynamic range of 3000 to 1, PGA = 1, 2, 4;
integrator off
0.1
%
Over a dynamic range of 500 to 1, PGA = 8, 16;
integrator on
Fundamental Active Power
0.1
%
Over a dynamic range of 1000 to 1, PGA = 1, 2, 4;
integrator off
0.2
%
Over a dynamic range of 3000 to 1, PGA = 1, 2, 4;
integrator off
0.1
%
Over a dynamic range of 500 to 1, PGA = 8, 16;
integrator on
Phase Error Between Channels
Line frequency = 45 Hz to 65 Hz, HPF on
PF = 0.8 Capacitive
±0.05
Degrees
Phase lead 37°
PF = 0.5 Inductive
±0.05
Degrees
Phase lag 60°
AC Power Supply Rejection
VDD = 3.3 V + 120 mV rms/120 Hz, IPx = VPx =
± 100 mV rms
Output Frequency Variation
0.01
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com