Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 67 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 63Page - Analog Devices ADE7878 Datasheet HTML 64Page - Analog Devices ADE7878 Datasheet HTML 65Page - Analog Devices ADE7878 Datasheet HTML 66Page - Analog Devices ADE7878 Datasheet HTML 67Page - Analog Devices ADE7878 Datasheet HTML 68Page - Analog Devices ADE7878 Datasheet HTML 69Page - Analog Devices ADE7878 Datasheet HTML 70Page - Analog Devices ADE7878 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
ADE7878
Rev. 0 | Page 67 of 92
Table 22. HSDC_CFG Register
Bit Location
Bit Name
Default Value
Description
0
HCLK
0
0: HSCLK is 8 MHz.
1: HSCLK is 4 MHz.
1
HSIZE
0
0: HSDC transmits the 32-bit registers in 32-bit packages, most significant bit first.
1: HSDC transmits the 32-bit registers in 8-bit packages, most significant bit first.
2
HGAP
0
0: no gap is introduced between packages.
1: a gap of 7 HCLK cycles is introduced between packages.
4:3
HXFER[1:0]
00
00 = HSDC transmits sixteen 32-bit words in the following order: IAWV, VAWV, IBWV,
VBWV, ICWV, VCWV, one 32-bit word always equal to INWV, AVA, BVA, CVA, AWATT,
BWATT, CWATT, AVAR, BVAR, and CVAR.
01 = HSDC. For the ADE7878, HSDC transmits seven instantaneous values of currents
and voltages: IAWV, VAWV, IBWV, VBWV, ICWV, VCWV, and INWV.
10 = HSDC transmits nine instantaneous values of phase powers: AVA, BVA, CVA, AWATT,
BWATT, CWATT, AVAR, BVAR, and CVAR.
11 = reserved. If set, the ADE7878 behaves as if HXFER[1:0] = 00.
5
HSAPOL
0
0: HSACTIVE output pin is active low.
1: HSACTIVE output pin is active high.
7:6
00
Reserved. These bits do not manage any functionality.
When HXFER[1:0] is 10, only the instantaneous values of phase
powers are transmitted in the following order: AVA, BVA, CVA,
AWATT, BWATT, CWATT, AVAR, BVAR, and CVAR. The
Value 11 for HXFER[1:0] is reserved and writing it is equivalent
to writing 00, the default value.
Bit 5 (HSAPOL) determines the polarity of the HSA pin during
communication. When HSAPOL is 0 (the default value), the
HSA pin is active low during the communication. This means
that HSA stays high when no communication is in progress.
When the communication starts, HSA goes low and stays low
until the communication ends. Then it goes back to high. When
HSAPOL is 1, the HSA pin is active high during the communi-
cation. This means that HSA stays low when no communication
is in progress. When the communication starts, HSA goes high
and stays high until the communication ends. Then it goes back
to low.
Bits[7:6] of HSDC_CFG are reserved. Any value written into
these bits does not have any consequence on HSDC behavior.
Figure 86 shows the HSDC transfer protocol for HGAP = 0,
HXFER[1:0] = 00, and HSAPOL = 0. Note that the HSDC
interface sets a bit on the HSD line every HSCLK high-to-low
transition and that the value of Bit HSIZE is irrelevant.
Figure 87 shows the HSDC transfer protocol for HSIZE = 0,
HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0. Note that the
HSDC interface introduces a seven-HSCLK cycles gap between
every 32-bit word.
Figure 88 shows the HSDC transfer protocol for HSIZE = 1,
HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0. Note that the
HSDC interface introduces a seven-HSCLK cycles gap between
every 8-bit word.
Table 23 lists the time it takes to execute an HSDC data transfer
for all HSDC_CFG[7:0] settings. For some settings, the transfer
time is less than 125 μs (8 kHz), the waveform sample registers
update rate. This means that the HSDC port transmits data
every sampling cycle. For settings in which the transfer time is
greater than 125 μs, the HSDC port transmits data only in the
first of two consecutive 8 kHz sampling cycles. This means it
transmits registers at an effective rate of 4 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com