Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 30 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 26Page - Analog Devices ADE7878 Datasheet HTML 27Page - Analog Devices ADE7878 Datasheet HTML 28Page - Analog Devices ADE7878 Datasheet HTML 29Page - Analog Devices ADE7878 Datasheet HTML 30Page - Analog Devices ADE7878 Datasheet HTML 31Page - Analog Devices ADE7878 Datasheet HTML 32Page - Analog Devices ADE7878 Datasheet HTML 33Page - Analog Devices ADE7878 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
ADE7878
Rev. 0 | Page 30 of 92
The digital filter has a pole at 80 Hz and is clocked at 256 kHz.
As a result, there is a phase lag between the analog input signal
(one of IA, IB, IC, VA, VB, and VC) and the output of LPF1.
The error in ZX detection is 0.0703° for 50 Hz systems (0.0843°
for 60 Hz systems). The phase lag response of LPF1 results in a
time delay of approximately 31.4° or 1.74 ms (at 50 Hz) between
its input and output. The overall delay between the zero crossing
on the analog inputs and ZX detection obtained after LPF1 is
about 39.6° or 2.2 ms (at 50 Hz). The ADC and HPF introduce
the additional delay. The LPF1 cannot be disabled to assure a
good resolution of the ZX detection. Figure 40 shows how the
zero-crossing signal is detected.
GAIN[23:0]
REFERENCE
HPFDIS
[23:0]
DSP
HPF
PGA
ADC
IA, IB, IC,
OR
VA, VB, VC
ZX
DETECTION
LPF1
IA, IB, IC,
OR VA, VB, VC
39.6° OR 2.2ms @ 50Hz
1
0.855
0V
ZX
ZX
ZX
ZX
LPF1 OUTPUT
Figure 40. Zero-Crossing Detection on Voltage and Current Channels
To provide further protection from noise, input signals to the
voltage channel with amplitude lower than 10% of full scale do not
generate zero-crossing events at all. The Current Channel ZX
detection circuit is active for all input signals independent of their
amplitudes.
The ADE7878 contains six zero-crossing detection circuits, one
for each phase voltage and current channel. Each circuit drives
one flag in the STATUS1[31:0] register. If a circuit placed in the
Phase A voltage channel detects one zero-crossing event, then
Bit 9 (ZXVA) in the STATUS1[31:0] register is set to 1.
Similarly, the Phase B voltage circuit drives Bit 10 (ZXVB), the
Phase C voltage circuit drives Bit 11 (ZXVC), and circuits placed
in the current channel drive Bit 12 (ZXIA), Bit 13 (ZXIB), and
Bit 14 (ZXIC). If a ZX detection bit is set in the MASK1[31:0]
register, the IRQ1 interrupt pin is driven low and the corres-
ponding status flag is set to 1. The status bit is cleared and the
IRQ1 pin is set to high by writing to the STATUS1 register with
the status bit set to 1.
Zero-Crossing Timeout
Every zero-crossing detection circuit has an associated timeout
register. This register is loaded with the value written into the
16-bit ZXTOUT register and is decremented (1 LSB) every
62.5 μs (16 kHz clock). The register is reset to the ZXTOUT
value every time a zero crossing is detected. The default value of
this register is 0xFFFF. If the timeout register decrements to 0
before a zero crossing is detected, then one of Bits[8:3] of the
STATUS1[31:0] register is set to 1. Bit 3 (ZXTOVA), Bit 4
(ZXTOVB), and Bit 5 (ZXTOVC) refer to Phase A, Phase B, and
Phase C of the voltage channel; Bit 6 (ZXTOIA), Bit 7
(ZXTOIB), and Bit 8 (ZXTOIC) refer to Phase A, Phase B, and
Phase C of the current channel.
If a ZXTOUT bit is set in the MASK1[31:0] register, the IRQ1
interrupt pin is driven low when the corresponding status bit is set
to 1. The status bit is cleared and the IRQ1 pin is returned to high
by writing to the STATUS1 register with the status bit set to 1.
The resolution of the ZXOUT register is 62.5 μs (16 kHz clock)
per LSB. Thus, the maximum timeout period for an interrupt is
4.096 sec: 216/16 kHz.
Figure 41 shows the mechanism of the zero-crossing timeout
detection when the voltage or the current signal stays at a fixed
dc level for more than 62.5 × ZXTOUT μs.
16-BIT INTERNAL
REGISTER VALUE
ZXTOUT
VOLTAGE
OR
CURRENT
SIGNAL
IRQ1 INTERRUPT PIN
ZXZOxy FLAG IN
STATUS1[31:0], x = V, A
y = A, B, C
0V
Figure 41. Zero-Crossing Timeout Detection
Phase Sequence Detection
TheADE7878 has an on-chip phase sequence error detection
circuit. This detection works on phase voltages and considers
only the zero crossings determined by their negative to positive
transitions. The regular succession of these zero-crossing events is
Phase A followed by Phase B followed by Phase C (see Figure 43).
If the sequence of zero-crossing events is, instead, Phase A followed
by Phase C followed by Phase B, then Bit 19 (SEQERR) in the
STATUS1[31:0] register is set.
If Bit 19 (SEQERR) in the MASK1[31:0] register is set to 1 and a
phase sequence error event is triggered, the IRQ1 interrupt pin
is driven low. The status bit is cleared and the IRQ1 pin is set
high by writing to the STATUS1 register with the Status Bit 19
(SEQERR) set to 1.
The phase sequence error detection circuit is functional only
when the ADE7878 is connected in a 3-phase, 4-wire, three voltage
sensors configuration (Bits[5:4], CONSEL in ACCMODE[7:0], set
to 00). In all other configurations, only two voltage sensors are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com