Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 80 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 76Page - Analog Devices ADE7878 Datasheet HTML 77Page - Analog Devices ADE7878 Datasheet HTML 78Page - Analog Devices ADE7878 Datasheet HTML 79Page - Analog Devices ADE7878 Datasheet HTML 80Page - Analog Devices ADE7878 Datasheet HTML 81Page - Analog Devices ADE7878 Datasheet HTML 82Page - Analog Devices ADE7878 Datasheet HTML 83Page - Analog Devices ADE7878 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
ADE7878
Rev. 0| Page 80 of 92
Bit
Location
Bit Name
Default Value
Description
6
REVAPA
0
When this bit is set to 1, it enables an interrupt when the Phase A active power identified by Bit 6
(REVAPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
7
REVAPB
0
When this bit is set to 1, it enables an interrupt when the Phase B active power identified by Bit 6
(REVAPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
8
REVAPC
0
When this bit is set to 1, it enables an interrupt when the Phase C active power identified by Bit 6
(REVAPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
9
REVPSUM1
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the CF1
datapath changes sign.
10
REVRPA
0
When this bit is set to 1, it enables an interrupt when the Phase A reactive power identified by Bit
7 (REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
11
REVRPB
0
When this bit is set to 1, it enables an interrupt when the Phase B reactive power identified by
Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
12
REVRPC
0
When this bit is set to 1, it enables an interrupt when the Phase C reactive power identified by
Bit 7 (REVRPSEL) in the ACCMODE[7:0] register (total or fundamental) changes sign.
13
REVPSUM2
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the CF2
datapath changes sign.
14
CF1
When this bit is set to 1, it enables an interrupt when a high-to-low transition occurs at the CF1
pin, that is an active low pulse is generated. The interrupt can be enabled even if the CF1 output
is disabled by setting Bit 9 (CF1DIS) to 1 in the CFMODE[15:0] register. The type of power used at
the CF1 pin is determined by Bits[2:0] (CF1SEL) in the CFMODE[15:0] register (see Table 39).
15
CF2
When this bit is set to 1, it enables an interrupt when a high-to-low transition occurs at CF2 pin,
that is an active low pulse is generated. The interrupt may be enabled even if the CF2 output is
disabled by setting Bit 10 (CF2DIS) to 1 in the CFMODE[15:0] register. The type of power used at
the CF2 pin is determined by Bits[5:3] (CF2SEL) in the CFMODE[15:0] register (see Table 39).
16
CF3
When this bit is set to 1, it enables an interrupt when a high to low transition occurs at CF3 pin,
that is an active low pulse is generated. The interrupt may be enabled even if the CF3 output is
disabled by setting Bit 11 (CF3DIS) to 1 in the CFMODE[15:0] register. The type of power used at
the CF3 pin is determined by Bits[8:6] (CF3SEL) in the CFMODE[15:0] register (see Table 39).
17
DREADY
0
When this bit is set to 1, it enables an interrupt when all periodic (at 8 kHz rate) DSP
computations finish.
18
REVPSUM3
0
When this bit is set to 1, it enables an interrupt when the sum of all phase powers in the CF3
datapath changes sign.
31:19
Reserved
00 0000 0000
0000
Reserved. These bits do not manage any functionality.
Table 34. MASK1 Register (Address 0xE50B)
Bit
Location
Bit Name
Default Value
Description
0
NLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no load condition
based on total active and reactive powers.
1
FNLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no load condition
based on fundamental active and reactive powers.
2
VANLOAD
0
When this bit is set to 1, it enables an interrupt when at least one phase enters no load condition
based on apparent power.
3
ZXTOVA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase A voltage is
missing.
4
ZXTOVB
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase B voltage is
missing.
5
ZXTOVC
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase C voltage is
missing.
6
ZXTOIA
0
When this bit is set to 1, it enables an interrupt when a zero crossing on the Phase A current is
missing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com