Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7878 Datasheet(PDF) 62 Page - Analog Devices

Part # ADE7878
Description  Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7878 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE7878 Datasheet HTML 58Page - Analog Devices ADE7878 Datasheet HTML 59Page - Analog Devices ADE7878 Datasheet HTML 60Page - Analog Devices ADE7878 Datasheet HTML 61Page - Analog Devices ADE7878 Datasheet HTML 62Page - Analog Devices ADE7878 Datasheet HTML 63Page - Analog Devices ADE7878 Datasheet HTML 64Page - Analog Devices ADE7878 Datasheet HTML 65Page - Analog Devices ADE7878 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
ADE7878
Rev. 0 | Page 62 of 92
INTERRUPTS
The ADE7878 has two interrupt pins, IRQ0 and IRQ1. Each of the
pins is managed by a 32-bit interrupt mask register, MASK0[31:0]
and MASK1[31:0], respectively. To enable an interrupt, a bit in
the MASKx[31:0] register must be set to 1. To disable it, the bit
must be cleared to 0. Two 32-bit status registers, STATUS0[31:0]
and STATUS1[31:0], are associated with the interrupts. When
an interrupt event occurs in the ADE7878, the corresponding
flag in the interrupt status register is set to a Logic 1 (see
and
). If the mask bit for this interrupt in the interrupt
mask register is Logic 1, then the
Table 31
Table 32
IRQx logic output goes active
low. The flag bits in the interrupt status register are set irrespective
of the state of the mask bits. To determine the source of the
interrupt, the MCU should perform a read of the corresponding
STATUSx register and identify which bit is set to 1. To erase the
flag in the status register, STATUSx should be written back with
the flag set to 1. After an interrupt pin goes low, the status register
is read and the source of the interrupt is identified. Then, the
status register is written back without any change to clear the
status flag to 0. TheIRQx pin remains low until the status flag is
cancelled.
By default, all interrupts are disabled. However, the RSTDONE
interrupt is an exception. This interrupt can never be masked
(disabled) and, therefore, Bit 15 (RSTDONE) in the MASK1[31:0]
register does not have any functionality. The IRQ1 pin always
goes low and Bit 15 (RSTDONE) in the STATUS1[31:0] is set to
1 whenever a power-up or a hardware/software reset process ends.
To cancel the status flag, the STATUS1[31:0] register must be
written with Bit 15 (RSTDONE) set to 1.
Certain interrupts are used in conjunction with other status
registers: Bit 0 (NLOAD), Bit1 (FNLOAD), and Bit 2 (VANLOAD)
in the MASK1[31:0] register work in conjunction with status
bits in the PHNOLAD[15:0] register. Bit 16, (sag), Bit 17 (OI),
and Bit 18 (OV) in the MASK1[31:0] register work with status
bits in the PHSTATUS[15:0] register. Bit 23 (PKI) and Bit 24
(PKV) in the MASK1[31:0] register work with status bits in
the IPEAK[31:0] and VPEAK[31:0], respectively. Bits[6:8]
(REVAPx), Bits[10:12] (REVRPx), and Bit 9, Bit 13, and Bit 18
(REVPSUMx) in the MASK0[31:0] register work with the status
bits in the PHSIGN[15:0] register. When the STATUSx[31:0]
register is read and one of these bits is set to 1, the status
register associated with the bit is immediately read to identify
the phase that triggered the interrupt, and only at that time can
the STATUSx[31:0] register be written back with the bit set to 1.
Using the Interrupts with an MCU
Figure 78 shows a timing diagram that illustrates a suggested
implementation of the ADE7878 interrupt management using
an MCU. At Time t1, the IRQx pin goes active low indicating
that one or more interrupt events occurred in the ADE7878. Tie
the IRQx pin to a negative-edge-triggered external interrupt on
the MCU. On detection of the negative edge, configure the
MCU to start executing its interrupt service routine (ISR). On
entering the ISR, disable all interrupts using the global interrupt
mask bit. At this point, the MCU external interrupt flag can be
cleared to capture interrupt events that occur during the current
ISR. When the MCU interrupt flag is cleared, a read from
STATUSx, the interrupt status register, is carried out. The
interrupt status register content is used to determine the source
of the interrupt(s) and, hence, the appropriate action to be
taken. Next, the same STATUSx content is written back into the
ADE7878 to clear the status flag(s) and reset the IRQx line to
logic high (t2). If a subsequent interrupt event occurs during the
ISR (t3), that event is recorded by the MCU external interrupt
flag being set again.
On returning from the ISR, the global interrupt mask bit is
cleared (same instruction cycle), and the external interrupt flag
uses the MCU to jump to its ISR once again. This ensures that
the MCU does not miss any external interrupts.
Figure 79 shows a recommended timing diagram when the
status bits in the STATUSx registers work in conjunction with
bits in other registers. Same as previously described, when the
IRQx pin goes active low, the STATUSx register is read and if
one of these bits is 1, then a second status register is read
immediately to identify the phase that triggered the interrupt.
The name, PHx, in
denotes one of the PHSTATUS,
IPEAK, VPEAK, or PHSIGN registers. Then, STATUSx is
written back to clear the status flag(s).
Figure 79
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
PROGRAM
SEQUENCE
t1
t2
t3
IRQx
Figure 78. Interrupt Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com