Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 70 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 70 Page - ams AG

Back Button AS3525 Datasheet HTML 66Page - ams AG AS3525 Datasheet HTML 67Page - ams AG AS3525 Datasheet HTML 68Page - ams AG AS3525 Datasheet HTML 69Page - ams AG AS3525 Datasheet HTML 70Page - ams AG AS3525 Datasheet HTML 71Page - ams AG AS3525 Datasheet HTML 72Page - ams AG AS3525 Datasheet HTML 73Page - ams AG AS3525 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
70
- 194
For the relationship of the clocks following constraints must be met:
•
LRCK must change with the falling edge of MCLK while MCLK is low (constrained should be set to 40 % of the MCLK period, see figure
below).
•
SDATA must change at the falling edge of SCLK. It will be read with the rising edge of SCLK.
Figure 30 Clock constraints
I2SO_LRCK
I2SO_SCLK
I2SO_SDATA
I2SO_MCLK
L15
L14
R15
R14
Lrck must change with falling edge,
within 40 % of MCLK period
Sampling of I2S data by Cello IF with rising edge of SCLK
7.3.10.2 Power Modes
The I2SOUTIF contains two clock domains. Each clock domain can be turned off separately. The I2SO_MCLK must be turned off in the global
clock controller register. This is necessary, as the audio chip requires I2SO_MCLK and I2SO_SCLK not only for I2S output, but also I2S input (see
I2SINIF).
PCLK Idle Mode
If the PCLK is turned off (by the clock controller) the I2SOUT_STATUS register can hold invalid data. However, no interrupt should be triggered if
the I2SOUTIF is in idle mode.
I2SO_MCLK Idle Mode
If I2SO_MCLK is disabled (by the clock controller) no audio samples are read from the FIFO. The output signals remain unchanged until the
I2SO_MCLK is enabled again.
7.3.10.3 Loopback Feature
On the AS3525 are two I2S interfaces:
•
I2SOUTIF is responsible to send values to the DAC of the audio chip via I2SO_SDATA
•
I2SINIF is responsible to receive audio values from ADC of the audio chip via I2SI_SDATA
In the AS3525 both SDATA signals are provided as loopback signals (I2SO_FSDATA, I2SI_FSDATA):
•
I2SO_SDATA to I2SINIF: This loopback is mainly for testing the transmission and reception paths of both I2S interfaces.
The loopback signal is called I2SO_FSDATA.
•
I2SI_SDATA to I2SOUTIF: This loopback feature allows the application to echo the input audio samples directly to a
loudspeaker. The signal provided by the I2SINIF is called I2SI_FSDATA.
In normal mode the I2SOUTIF generates the I2SO_SDATA signal based on the contents of the FIFO. If the loop back feature is enabled, the
SDATA_LB bit in the I2SOUT_CONTROL register must be set.
NOTE: This feature will only be available if SCLK is the same for I2S input and output interface. For implementation the I2SI_FSDATA signal is
simply routed through a multiplexer to the I2SO_SDATA interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com