Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 96 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 96 Page - ams AG

Back Button AS3525 Datasheet HTML 92Page - ams AG AS3525 Datasheet HTML 93Page - ams AG AS3525 Datasheet HTML 94Page - ams AG AS3525 Datasheet HTML 95Page - ams AG AS3525 Datasheet HTML 96Page - ams AG AS3525 Datasheet HTML 97Page - ams AG AS3525 Datasheet HTML 98Page - ams AG AS3525 Datasheet HTML 99Page - ams AG AS3525 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
96
- 194
Table 79 UART Clock divider higher byte register
Name
Base
Default
UART_DHI_REG
AS3525_UART_BASE
0xC8110000
Clock divider higher byte register
Offset: 0x04
DLS set to 1
This register holds the higher byte of the decimal divisor value to calculate baud clock.
Bit
Bit Name
Default
Access
Bit Description
7:0
UART_DHI_REG
00000000
W
This register holds the higher byte of the decimal divisor value
to calculate baud clock.
Table 80 UART Interrupt enable register
Name
Base
Default
UART_INTEN_REG
AS3525_UART_BASE
0xC8110000
Interrupt enable register
Offset: 0x04
DLS set to 0
This register will enable the three types of interrupts. Setting the bits of this register to
logic 1 enables the selected interrupt.
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
These bits are reserved for future use.
2
lnStatusEn
0
W
This bit enables the “rxLineStatus” interrupt.
1
txDataEmptyEn
0
W
This bit enables the “txDataEmpty” interrupt.
0
rxDataRdyEn
0
W
This bit enables the “rxDataRdy” interrupt.
Table 81 UART Interrupt status register
Name
Base
Default
UART_INTSTATUS_REG
AS3525_UART_BASE
0xC8110000
Interrupt status register
Offset: 0x08
This register will give the status of the interrupt. Depending on the enabled interrupt
bits in the interrupt enable register (UART_INTEN_REG) different interrupts will be
generated and the status will be updated in this register. On sensing an interrupt the
software should read this register to get the status of the interrupt.
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
These bits are reserved for future use.
2
rxLineStatus
0
RU
This interrupt is set on any error condition on the receive line.
There are four types of error possibilities. These error
conditions are set in bits 4:1 of the line status register
(UART_LNSTATUS_REG).
This bit is reset on a read of the line status register
(UART_LNSTATUS_REG).
1
txDataEmpty
0
RU
In FIFO mode this bit is set when txFIFO is empty.
If FIFO mode is disabled this interrupt is set if the data register
(UART_DATA_REG (Tx)) is empty.
This bit will be reset on write to the data register
(UART_DATA_REG (Tx)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com