Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 24 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 24 Page - ams AG

Back Button AS3525 Datasheet HTML 20Page - ams AG AS3525 Datasheet HTML 21Page - ams AG AS3525 Datasheet HTML 22Page - ams AG AS3525 Datasheet HTML 23Page - ams AG AS3525 Datasheet HTML 24Page - ams AG AS3525 Datasheet HTML 25Page - ams AG AS3525 Datasheet HTML 26Page - ams AG AS3525 Datasheet HTML 27Page - ams AG AS3525 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
24
- 194
7.2 AHB Peripheral Blocks
ARM AHB ("advanced high-performance bus") is the new generation of AMBA bus, which is intended to address the requirements of high-
performance synthesizable designs. AMBA AHB implements the features required for high performance, high clock frequency systems including:
•
burst transfers
•
split transactions
•
single cycle bus master handover
•
non-tristate implementation
•
32 bit bus width
•
the clock frequency of the AHB can set by software up to 65MHz
7.2.1 2.5 MBIT RAM Main Memory
The memory subsystem consists of a RAM part and a ROM part.
Within the RAM memory subsystem, following functions are included:
•
1-TRAM controller with AHB bus slave interface
•
1-TRAM memory macros
7.2.1.1 1-TRAM Controller
The 1T RAM Controller is a slave interface connected to the AMBA AHB bus.
•
slave AHB interface
•
supports byte(8 bit), half-word(16 bit) and word(32 bit) read/write accesses
•
128-bit Line Buffer as temporary storage to reduce the number of memory accesses and optimise power
consumption
•
controls 5TSMC 1T-RAM instances
7.2.1.2 On-Chip 1T-RAM macro blocks
TSMC Emb1tRAM
™ technology is a special kind of DRAM, which is implemented in a logic CMOS process. This innovative concept and design
guarantees lowest power, high density, high performance and high yield advantages.
ECC (Error Correction Code) technique is applied in the macro to dynamically correct errors caused by hard defects or soft errors. No fuses are
needed because the conventional redundancy scheme is replaced with ECC design in the macro.
The macro can be operated at clock rate from 20 MHz up to maximum AHB bus clock frequency in flow through random access mode. In the
product, one idle cycle for refresh is needed in every 32 clock cycles.
Total 5 macros with organisation of 4Kx128 = 64 KByte each are implemented. For the refresh, one master macro is generating the refresh clock
(T1F4Kx128_PIFE) and four macros are connected serially in slave mode to the refresh clock (T1F4Kx128PIFES).
Features
•
20 Mhz to 65 Mhz operation speed
•
Flow through random access
•
Built-in error correction (ECC)
•
128-bit wide data bus
•
Separated data in/out bus
•
SRAM-style interface operation
•
Built-in refresh controller with refresh clock generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com