Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 17 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 17 Page - ams AG

Back Button AS3525 Datasheet HTML 13Page - ams AG AS3525 Datasheet HTML 14Page - ams AG AS3525 Datasheet HTML 15Page - ams AG AS3525 Datasheet HTML 16Page - ams AG AS3525 Datasheet HTML 17Page - ams AG AS3525 Datasheet HTML 18Page - ams AG AS3525 Datasheet HTML 19Page - ams AG AS3525 Datasheet HTML 20Page - ams AG AS3525 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
17
- 194
7
Detailed Functional Descriptions
This chapter contains detailed functional descriptions of all modules of the chip. Central microcontroller is an ARM-9, all
peripherals are connected to the AMBA bus which is divided into a AHB (advanced high speed bus) and APB (advanced
peripheral bus) part. All audio, power management and system monitoring functions are controlled via an I2C interface
(I2C audio master). This chapter includes also all detailed desciptions and performance values for these parts.
7.1
ARM922-T Processor Core
7.1.1 General
The ARM922T macrocell is a high-performance 32-bit RISC integer processor combining an ARM9TDMI™ processor core with:
•
8KB instruction cache and 8 KB data cache
•
Instruction and data Memory Management Unit (MMU)
•
Write buffer with 16 data words and 4 addresses
•
Advanced Microprocessor Bus Architecture (AMBA™) AHB interface
The ARM922T provides a high-performance processor solution for open systems requiring full virtual memory management and sophisticated
memory protection. The ARM922T processor core is capable of running at 250 MHz. The ARM922T hard macrocell has a very low power
consumption. The integrated cache helps to significantly reduce memory bandwith demands, improving performance and minimizing power
consumption.
At 250 MHz the ARM922T comsumes as little as 65 mW, making it ideal for high-performance battery operated audio or video applications.
The ARM core and associated bus structures are configured for little endian byte order (compatible with Windows CE™ and Symbian™ OS).
Table 10 ARM 922T characteristics
Cache (I/D)
MMU
AHB
Thumb
mW/MHz
MHz
8KB / 8KB
yes
yes
yes
0.25 @ 1.2 V
250
Features
•
32-bit RISC architecture (ARMv4T)
•
Harvard architecture with separated instruction (I) and data (D) caches with 8 KB each and 8-word line length
•
Five stage pipeline (fetch, decode, execute, memory, write back) enabling high master clock speeds
•
32-bit ARM instruction set for maximum performance and flexibility
•
16-bit Thumb instruction set for increased code density
•
Enhanced ARM architecture V4 MMU to provide translation and access permission checks for instruction and data
addresses. With this MMU different operating systems (Windows CE, Symbian …) can be implemented.
•
Industry standard AMBA bus interface (AHB and APB)
•
Hard-macro implementation
•
The processor core clock frequency (FCLK) is programmable up to 250MHz and the ARM922 power consumption is directly
proportional to this clock frequency FCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com