Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 95 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 95 Page - ams AG

Back Button AS3525 Datasheet HTML 91Page - ams AG AS3525 Datasheet HTML 92Page - ams AG AS3525 Datasheet HTML 93Page - ams AG AS3525 Datasheet HTML 94Page - ams AG AS3525 Datasheet HTML 95Page - ams AG AS3525 Datasheet HTML 96Page - ams AG AS3525 Datasheet HTML 97Page - ams AG AS3525 Datasheet HTML 98Page - ams AG AS3525 Datasheet HTML 99Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
95
- 194
7.3.13.2 UART Register Descriptions
All registers are 8 bits wide. Registers are selected based on the address and the value of Divisor Latch Select (DLS) bit in the line control register
(UART_LNCTR_REG).
Table 76 UART registers
Register Name
Base Address
Offset
DLS
Note
UART_DATA_REG
AS3525_UART_BASE
0x00
0
Data register (Rx / Tx)
UART_DLO_REG
AS3525_UART_BASE
0x00
1
Clock divider lower byte register
UART_DHI_REG
AS3525_UART_BASE
0x04
1
Clock divider higher byte register
UART_INTEN_REG
AS3525_UART_BASE
0x04
0
Interrupt enable register
UART_INTSTATUS_REG
AS3525_UART_BASE
0x08
Interrupt status register
UART_FCTL_REG
AS3525_UART_BASE
0x0C
FIFO control register
UART_LNCTL_REG
AS3525_UART_BASE
0x10
Line control register
UART_LNSTATUS_REG
AS3525_UART_BASE
0x14
Line status register
Table 77 UART Data Register
Name
Base
Default
UART_DATA_REG
AS3525_UART_BASE
0xC8110000
Data register
Offset: 0x00
DLS bit set to 0
Holds the data byte received or the data byte to be transmitted respectively.
RX:
This register holds the received data byte.
In FIFO mode, this byte will be the top byte of the 16-byte FIFO.
If FIFO mode is disabled, it will be the content of the receive shift register after a byte has been
shifted in.
A read to the address value 3b000 with Divisor Latch Select (DLS) bit 1’b0 will give the content of
this register.
If a character less than 8 bits is received, extra zero bits will be padded to this register.
TX:
This register contains the data to be transmitted. This register will be written by the processor.
In FIFO mode, a write to this address will write data into the FIFO.
In FIFO mode, top byte of txFIFO is passed on to transmitter shift register.
If FIFO is disabled, a write to the address 3’b000 with DLS bit 1’b0 will write into this register.
If FIFO is disabled, this register will be overwritten with new data.
If FIFO is disabled, data in this register will be passed on to transmitter shift register.
Bit
Bit Name
Default
Access
Bit Description
7:0
UART_DATA_REG
00000000
RW
Holds the data byte received or the data byte to be transmitted
respectively.
Table 78 UART Clock divider lower byte register
Name
Base
Default
UART_DLO_REG
AS3525_UART_BASE
0xC8110000
Clock divider lower byte register
Offset: 0x00
DLS set to 1
This register holds the clock divider value (decimal) which is used to derive the baud
clock. To achieve a desired baud rate, the baud clock should be 16-times higher then
the baud rate. To derive this clock the ratio of the system clock and the required baud
clock should be calculated and the value should be programmed into the clock divider
lower byte and higher byte registers (UART_DLO_REG and UART_DHI_REG).
Clock divider value = (input frequency) / (baud rate x 16)
Bit
Bit Name
Default
Access
Bit Description
7:0
UART_DLO_REG
00000000
W
This register holds the lower byte of the decimal divisor value
to calculate baud clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com