Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 61 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 61 Page - ams AG

Back Button AS3525 Datasheet HTML 57Page - ams AG AS3525 Datasheet HTML 58Page - ams AG AS3525 Datasheet HTML 59Page - ams AG AS3525 Datasheet HTML 60Page - ams AG AS3525 Datasheet HTML 61Page - ams AG AS3525 Datasheet HTML 62Page - ams AG AS3525 Datasheet HTML 63Page - ams AG AS3525 Datasheet HTML 64Page - ams AG AS3525 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
61
- 194
The following table shows the valid combinations for sdata_source (bit 7 and 6) and i2s_clk_source (bit 9 and 8) of the I2SIN_CONTROL register.
sdata_source
i2s_clk_source
Description
00
00
default mode (AFE with AS3525)
01
00
external data, external clock
01
11
external data, internal clock
10
10
data and clock from SPDIF converter
11
00
loopback, internal data and clock
Table 44 I2S Input mask register
Name
Base
Default
I2SIN_MASK
AS3525_I2SIN_BASE
0x00
Interrupt mask register
Offset: 0x0004
The interrupt mask register determines which status flags generate an interrupt by
setting the corresponding bit to 1.
Bit
Bit Name
Default
Access
Bit Description
7
reserved
0
R/W
stereo24_status cannot assert interrupt request
6
I2SIN_MASK_PUER
0
R/W
1 enables the FIFO PUSH error interrupt
5
I2SIN_MASK_POE
0
R/W
1 enables the FIFO POP is empty interrupt
4
I2SIN_MASK_POAE
0
R/W
1 enables the FIFO POP is almost empty interrupt
3
I2SIN_MASK_POHF
0
R/W
1 enables the FIFO POP is half full interrupt
2
I2SIN_MASK_POAF
0
R/W
1 enables the FIFO POP is almost full interrupt
1
I2SIN_MASK_POF
0
R/W
1 enables the FIFO POP is full interrupt
0
I2SIN_MASK_POER
0
R/W
1 enables the FIFO POP error interrupt
Table 45 I2S Input raw status register
Name
Base
Default
I2SIN_RAW_STATUS
AS3525_I2SIN_BASE
0x00
Raw status register
Offset: 0x0008
The read-only raw status register contains the actual bit values as reflected by the
FIFO controller status signals. I2SIN_PUER and I2SIN_POER are static bits, since
FIFO controller gives the PUSH/POP error bit only for one clock. This means that
these two bits remain asserted until they are cleared in the I2SIN_CLEAR register.
All other bits change state depending on the underlying logic, i.e. state of FIFO
controller.
Bit
Bit Name
Default
Access
Bit Description
7
stereo24_status
0
R
Status of write interface for 24 bit stereo mode
0: left audio sample will be transferred next
1: right audio sample will be transferred next
6
I2SIN_PUER
0
R
1 if FIFO PUSH error
5
I2SIN_POE
0
R
1 if FIFO POP is empty
4
I2SIN_POAE
0
R
1 if FIFO POP is almost empty
3
I2SIN_POHF
0
R
1 if FIFO POP is half full
2
I2SIN_POAF
0
R
1 if FIFO POP is almost full
1
I2SIN_POF
0
R
1 if FIFO POP is full
0
I2SIN_POER
0
R
1 if FIFO POP error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com