Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 11 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 11 Page - ams AG

Back Button AS3525 Datasheet HTML 7Page - ams AG AS3525 Datasheet HTML 8Page - ams AG AS3525 Datasheet HTML 9Page - ams AG AS3525 Datasheet HTML 10Page - ams AG AS3525 Datasheet HTML 11Page - ams AG AS3525 Datasheet HTML 12Page - ams AG AS3525 Datasheet HTML 13Page - ams AG AS3525 Datasheet HTML 14Page - ams AG AS3525 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
11
- 194
6
Electrical Specifications
6.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. The device should be operated under recommended
operating conditions.
Table 1
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VIN_SUP
digital supply pins
-0.5
3.7
V
Applicable for pins vdd_peri, vdd_mem,
usb_vdda33t1, usb_vdda33t2,
usb_vdda33t3, usb_vdda33c
VIN_CORE
digital core supply pins
-0.5
1.68
V
Applicable for pins vdd_core
VIN_VB1V
single cell supply voltage
-0.5
5.0
V
Applicable for pin VBAT_1V
VIN_5V
5V pins
-0.5
7.0
V
Applicable for pins BVDD, CHG_IN,
VBUS
VIN_SW15
15V pin
-0.5
17
V
Applicable for pins SW15
VIN_VSS
Voltage difference at VSS
terminals
-0.5
0.5
V
Applicable for pins VSS3,VSS15,
VSSCP, BVSS, BVSS2, AVSS, DVSS,
vss_core, vss_peri, vss_mem,
usb_vssa33t, usb_vssa33c
VIN_DVDD
3.3V pins with diode to DVDD
-0.5
5.0
DVDD+0.5
V
Applicabel for pins MCLK, LRCK, SCLK,
SDI, P_PVDD, BATTEMP, ISINK,
XIN_32K, XOUT_32K, XIN_24M,
XOUT_24M, INTRQ, XRES, CP_1V,
CN_1V, CN_5V
VIN_xDVDD
pins with no diode to DVDD
-0.5
7.0V
V
Applicable for pins
CSCL, CSDA, PWR_UP, CP_5V
VIN_AVDD
3.3V pins with diode to AVDD
-0.5
5.0
AVDD+0.5
V
Applicable for pins BGND, HPH_CM,
HPGD, LOUTL/R, VREF, AGND,
LIN1L/R, LIN2L/R, MIC1_P/N,
MIC2_P/N, MSUP1, MSUP2
VIN_REG
voltage regulator pins with
diodes to BVDD
-0.5
5.0
BVDD+0.5
V
Applicable for pins AVDD, QLDO2,
DVDD, PVDD, CPVDD, CVDD, UVDD
VIN_RVDD
voltage regulator pin with
diode to BVDD
-0.5
3.6
BVDD+0.5
V
Applicable for pins RVDD
VIN_BVDD
pins with diode to BVDD
-0.5
7.0
BVDD+0.5
V
Applicable for pins LSPR/L, HPR/L,
CHG_OUT, SW3
Iscr
Input Current (latchup
immunity)
-100
100
mA
Norm: JEDEC 17
ESD
Electrostatic Discharge HBM
+/-1
kV
Norm: JEDEC JESD22-A114C (1)
ESD_USB
Electrostatic Discharge HBM
for USB Pins
+/-2
kV
Norm: JEDEC JESD22-A114C
(Pins: usb_dp, usb_dm, usb_vbus)
Pt
Total Power Dissipation (all
supplies and outputs)
1000
mW
Valid for CTBGA144 package
H
Humidity non-condensing
5
85
%
(1)
Electrostatic discharge of XIN24 and XOUT24 pin is +/-600V for C21O20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com