Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 82 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 82 Page - ams AG

Back Button AS3525 Datasheet HTML 78Page - ams AG AS3525 Datasheet HTML 79Page - ams AG AS3525 Datasheet HTML 80Page - ams AG AS3525 Datasheet HTML 81Page - ams AG AS3525 Datasheet HTML 82Page - ams AG AS3525 Datasheet HTML 83Page - ams AG AS3525 Datasheet HTML 84Page - ams AG AS3525 Datasheet HTML 85Page - ams AG AS3525 Datasheet HTML 86Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
82
- 194
Table 65 NAF interrupt clear register
Name
Base
Default
NAFClear
AS3525_NAND_FLASH_BASE
0x0018
Clear Register
Offset 0x0024
The NAFClear register clears interrupt status information and re-enables interrupt
detection.
Bit
Bit Name
Default
Access
Bit Description
6
clear6
-
W
Reset of ‘FIFO error indication’ status bit
0: no action
1: bit 6 of NAFStatus is reset and interrupt 6 detection is
enabled
5
clear5
-
W
Reset of ‘FIFO full indication’ status bit
0: no action
1: bit 5 of NAFStatus is reset and interrupt 5 detection is
enabled
4
clear4
-
W
Reset of ‘FIFO high indication’ status bit
0: no action
1: bit 4 of NAFStatus is reset and interrupt 4 detection is
enabled
3
clear3
-
W
Reset of ‘FIFO low indication’ status bit
0:no action
1:bit 3 of NAFStatus is reset and interrupt 3 detection is
enabled
2
clear2
-
W
Reset of ‘NAFWords empty and Controller ready indication’
status bit
0:no action
1:bit 2 of NAFStatus is reset and interrupt 2 detection is
enabled
1
clear1
-
W
Reset of ‘Read/write strobe ready indication’ status bit
0: no action
1: bit 1 of NAFStatus is reset and interrupt 1 detection is
enabled
0
clear0
-
W
Reset of ‘Read/write strobe ready indication’ status bit
0:no action
1: bit 0 of NAFStatus is reset and interrupt 0 detection is
enabled
Table 66 NAF test register
Name
Base
Default
NAFTest
AS3525_NAND_FLASH_BASE
0x0000
Test Register
Offset 0x0028
The NAFTest register is used for functional tests of the FIFO.
Bit
Bit Name
Default
Access
Bit Description
1
datainvert
W
0: default mode
1: disables FIFO access by the internal controller => FIFO is
accessed by APB interface only
0
fifotest
-
W
0: default mode
1: data word both on FIFO input and output is inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com