Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 38 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 38 Page - ams AG

Back Button AS3525 Datasheet HTML 34Page - ams AG AS3525 Datasheet HTML 35Page - ams AG AS3525 Datasheet HTML 36Page - ams AG AS3525 Datasheet HTML 37Page - ams AG AS3525 Datasheet HTML 38Page - ams AG AS3525 Datasheet HTML 39Page - ams AG AS3525 Datasheet HTML 40Page - ams AG AS3525 Datasheet HTML 41Page - ams AG AS3525 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
38
- 194
7.2.8 Memory Stick / Memory Stick Pro Interface
The Sony memory stick interface is an AHB bus slave device. This interface conforms to following standards:
•
Memory Stick Standard Format Specifications version 1.4-00
•
Memory Stick PRO Format Specifications version 1.00-01
7.2.8.1
Block Diagram
The memory stick interface contains two main blocks, the ICON and the host controller.
Figure 14 SONY memory stick interface block diagram
7.2.8.2
I-CON
This IP is Memory Stick / Memory Stick PRO Host Controller automatic control IP with a 32-bit CPU interface. This IP automatically controls the
series of TPC-based communication with the Memory Stick in place of the CPU, and aims to reduce the burden on the Host CPU.
The contents of communication with the Memory Stick are designated in this IP by micro codes.
Features
•
32-bit CPU interface
•
Inside controller specified by microcodes
•
Buffer for two-way data transmission loaded (256 byte x 2)
•
32/16 bit access available
•
DMA support
•
General-purpose data transmit/receive FIFO (12 Bytes)
7.2.8.3
Host Controller
Features
•
Memory Stick and Memory Stick PRO support
•
FiFo memory (64 bits × 4) for two-way data transmission
•
Built-in CRC circuit
•
Memory Stick serial clock (Serial: 20 MHz (max.), Parallel: 40 MHz (max.))
•
DMA support
•
16/32/64-bit access possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com