Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3525 Datasheet(PDF) 81 Page - ams AG

Part # AS3525
Description  Advanced Audio Processor System
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3525 Datasheet(HTML) 81 Page - ams AG

Back Button AS3525 Datasheet HTML 77Page - ams AG AS3525 Datasheet HTML 78Page - ams AG AS3525 Datasheet HTML 79Page - ams AG AS3525 Datasheet HTML 80Page - ams AG AS3525 Datasheet HTML 81Page - ams AG AS3525 Datasheet HTML 82Page - ams AG AS3525 Datasheet HTML 83Page - ams AG AS3525 Datasheet HTML 84Page - ams AG AS3525 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 194 page
background image
AS3525-A/-B C22O22
Data Sheet, Confidential
© 2005-2009, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
81
- 194
Table 63 NAF FiFo Data register
Name
Base
Default
NAFFifodata
AS3525_NAND_FLASH_BASE
0x0000
FIFO Data Register
Offset 0x001c
The NAFFifodata register offers access to the internal FIFO.
Bit
Bit Name
Default
Access
Bit Description
32:0
Fifodata [32:0]
-
R/W
Writing this register will push a word on the FIFO and the write
address will be incremented by 1. When the FIFO is full (36
words) then a write access on the register is ignored and the
FIFO ERROR status bit is set.
Reading on this register will pop a word from the FIFO and the
read address will be incremented by 1. When the FIFO is
empty then a read access on the register is ignored and the
FIFO ERROR status bit is set.
Table 64 NAF interrupt mask register
Name
Base
Default
NAFWords
AS3525_NAND_FLASH_BASE
0x0000
Interrupt Mask Register
Offset 0x0020
The NAFWords register informs the controller about the maximum words to be
transferred and controls the FIFO transfer both in interrupt and DMA mode.
Bit
Bit Name
Default
Access
Bit Description
32:0
Words [32:0]
0x0000
R/W
0: FIFO based data transfer is disabled
not 0: FIFO transfer is in progress
Note: For page transfers (program or read) the initial number of words depends on the NAND flash device. For a page size of 512 bytes, an initial
word value of 512/4 = 128 has to be written. For a page size of 2k bytes, an initial word value of 512 has to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com